Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC493ULTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC493ULTRT
Description  EcoSpeedTM Step-down Controller with I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493ULTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC493ULTRT Datasheet HTML 5Page - Semtech Corporation SC493ULTRT Datasheet HTML 6Page - Semtech Corporation SC493ULTRT Datasheet HTML 7Page - Semtech Corporation SC493ULTRT Datasheet HTML 8Page - Semtech Corporation SC493ULTRT Datasheet HTML 9Page - Semtech Corporation SC493ULTRT Datasheet HTML 10Page - Semtech Corporation SC493ULTRT Datasheet HTML 11Page - Semtech Corporation SC493ULTRT Datasheet HTML 12Page - Semtech Corporation SC493ULTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SC493
9
Typical Characteristics (continued)
Slew-Up — CCM, No Load, EnIntLd=0/1
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, VFBadj command change -9% to +9%
V
OUT (100mV/div)
PGOOD (5V/div)
Slew-Down — CCM, No Load, EnIntLd=0
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, VFBadj command change +9% to -9%
Time (500μs/div)
V
OUT (100mV/div)
PGOOD (5V/div)
Time (500μs/div)
Slew-Up — CCM, No Load, EnIntLd=0/1
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, Margin command change -10% to +10%
Time (500μs/div)
V
OUT (100mV/div)
PGOOD (5V/div)
Slew-Down — CCM, 3A Load, EnIntLd=0/1
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, Margin command change +10% to -10%
Time (500μs/div)
V
OUT (100mV/div)
PGOOD (5V/div)
Slew-Up — CCM, 3A Load, EnIntLd=0/1
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, Margin command change -10% to +10%
Time (500μs/div)
V
OUT (100mV/div)
PGOOD (5V/div)
Slew-Down — CCM, No Load, EnIntLd=1
SCL (5V/div)
V
IN = 5V, VOUT = 1.8V, fSW = 1MHz, Margin command change +10% to -10%
Time (500μs/div)
V
OUT (100mV/div)
PGOOD (5V/div)


Similar Part No. - SC493ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4901 SEMTECH-SC4901 Datasheet
586Kb / 20P
   COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
SC4901ITSTRT SEMTECH-SC4901ITSTRT Datasheet
586Kb / 20P
   COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
More results

Similar Description - SC493ULTRT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
   2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
   6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Semtech Corporation
SC173A SEMTECH-SC173A Datasheet
663Kb / 26P
   3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
logo
Monolithic Power System...
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
   6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
   5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
   5A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
   5A High Efficient Synchronous Step-Down Switchers with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com