Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC615A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC615A
Description  Charge Pump Flash LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615A Datasheet(HTML) 3 Page - Semtech Corporation

  SC615A Datasheet HTML 1Page - Semtech Corporation SC615A Datasheet HTML 2Page - Semtech Corporation SC615A Datasheet HTML 3Page - Semtech Corporation SC615A Datasheet HTML 4Page - Semtech Corporation SC615A Datasheet HTML 5Page - Semtech Corporation SC615A Datasheet HTML 6Page - Semtech Corporation SC615A Datasheet HTML 7Page - Semtech Corporation SC615A Datasheet HTML 8Page - Semtech Corporation SC615A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
© 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615A
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Quiescent Current
I
Q
FLASH high
3.4
5
mA
FLASH low, CTRL high
2.0
4.5
mA
FLASH low, CTRL low
0.1
2
μA
Flash Mode Pulse
Duration(2)
t
FLASH
3.3V < V
IN < 4.2V
I
OUT = 500mA, VOUT > 2.8V
500
ms
Flash Mode
Start-Up Time(2)
t
F-ST
t = 0 when FLASH goes high to
I
OUT = 90% of final value
1ms
Spotlight Mode
Start-Up Time(2)
t
S-ST
t = 0 when CTRL goes high to
I
OUT = 90% of final value
1ms
Oscillator Frequency
f
OSC
Device Enabled
250
kHz
Oscillator
Frequency Accuracy
Δf
OSC
-15
15
%
Short-Circuit Output
Current Limit
I
SC
V
OUT = 0V
465
mA
Input Current Limit
I
LIMIT
3.3V < V
IN < 4.2V
2.1
A
V
IN = 3.7V, VOUT = 3.7V, TA = 25°C
1.38
1.53
Over-Temperature
Protection(2)
T
OT
150
°C
Hysteresis
10
°C
Logic Input
High Threshold
V
IH
FLASH, CTRL
1.5
V
Logic Input
Low Threshold
V
IL
FLASH, CTRL
0.4
V
Logic Input
High Current
I
IH
FLASH
1
20
35
μA
CTRL
2
40
70
μA
Logic Input
Low Current
I
IL
FLASH, CTRL
0.1
2
μA
ISET Ripple Voltage(2)
V
PP
Spotlight mode - I
OUT = 200mA
25
mV
FLASH mode - I
OUT = 500mA
100
Notes:
(1) V
OUT required by the typical LED at this current.
(2) Guaranteed by design - not tested in production.
Electrical Characteristics (Cont.)


Similar Part No. - SC615A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
SC615AEVB SEMTECH-SC615AEVB Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
SC615AMLTRT SEMTECH-SC615AMLTRT Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
More results

Similar Description - SC615A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
   Charge Pump Flash LED Driver
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
   Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
   Flash LED Driver with 700mA Charge Pump
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
   Charge Pump Flash LED Driver with Safety Timer
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com