Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXCML20A390U Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EXCML20A390U
Description  Chip Bead Cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXCML20A390U Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EXCML20A390U Datasheet HTML 1Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 2Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 3Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 4Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 5Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 6Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 7Page - Panasonic Semiconductor EXCML20A390U Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Chip Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
C
AB
Preheating
Peak
Heating
Time
Recommended Soldering Conditions
Recommendations and precautions are described below.
<Repair with hand soldering>
● Preheat with a blast of hot air or similar method. Use a soldering iron with a tip temperature of 350 °C or less. Solder
each electrode for 3 seconds or less.
● Never touch this product with the tip of a soldering iron.
Recommended Land Pattern Dimensions in mm (not to scale)
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to EMI Filters,
ESD Suppressors, Fuses, and MR Sensors shown on page EL113 of this catalog.
1. Flow soldering may cause this product to come off because the adhesiveness of the product element is low.
Please consult our sales representative in advance about flow soldering.
2. Use rosin-based flux or halogen-free flux.
3. For cleaning, use an alcohol-based cleaning agent. Before using any other type, consult with our sales person
in advance.
4. Do not apply shock to Chip Bead Cores (hereafter called the bead cores) or pinch them with a hard tool (e.g.
pliers and tweezers). Otherwise, their bodies may be chipped, affecting their performance.
Excessive mechanical stress may damage the bead cores. Handle with care.
5. Store the bead cores in a location with a temperature ranging from -5 °C to +40 °C and a relative humidity of
40 % to 60 %, where there are no rapid changes in temperature or humidity.
6. Use the bead cores within a year (EXC3B Type: within half a year) after the date of the outgoing inspection
indicated on the packages.
Part Number
A
B
C
EXCCL4532U1
3
5.4
2.8
EXCCL3225U1
1.7
4.1
2.1
EXCCL3216U1
1.7
4.1
1.2
EXCML45A910H
2.6 to 3
5.5 to 6.5
1.2 to 1.6
EXCML32A680U
1.6 to 2
4 to 5
1.2 to 1.6
EXCML20A390U
0.8 to 1.2
3 to 4
1 to 1.2
EXCML16A270U
0.6 to 1
2 to 3
0.8 to 1
EXC3B
H
0.8 to 1
2 to 2.6
0.8 to 1
(mm)
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 10 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 170 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
● Recommended soldering conditions for reflow
For soldering (Example : Sn-37Pb)
For lead-free soldering (Example : Sn/3Ag/0.5Cu)
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Jul. 2008


Similar Part No. - EXCML20A390U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXCML20A390U PANASONIC-EXCML20A390U Datasheet
134Kb / 7P
   Chip Bead Cores
EXCML20A390U PANASONIC-EXCML20A390U Datasheet
134Kb / 7P
   Chip Bead Cores
More results

Similar Description - EXCML20A390U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC-3BP600H PANASONIC-EXC-3BP600H Datasheet
134Kb / 7P
   Chip Bead Cores
EXC-3BP121H PANASONIC-EXC-3BP121H Datasheet
134Kb / 7P
   Chip Bead Cores
EXCELSA24 PANASONIC-EXCELSA24 Datasheet
288Kb / 5P
   EMI Bead Cores
EXC-ELSA39 PANASONIC-EXC-ELSA39 Datasheet
110Kb / 4P
   EMI Bead Cores
EXC-ELDR35V PANASONIC-EXC-ELDR35V Datasheet
122Kb / 5P
   EMI Bead Cores
logo
Kemet Corporation
B-20 KEMET-B-20 Datasheet
535Kb / 6P
   B-20 Series Bead Cores
logo
Panasonic Semiconductor
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
   Chip Bead Array
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
   MULTILAYER CHIP BEAD
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com