Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE2565JTT Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQE2565JTT
Description  Plastic Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2565JTT Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQE2565JTT Datasheet HTML 1Page - Panasonic Semiconductor ECQE2565JTT Datasheet HTML 2Page - Panasonic Semiconductor ECQE2565JTT Datasheet HTML 3Page - Panasonic Semiconductor ECQE2565JTT Datasheet HTML 4Page - Panasonic Semiconductor ECQE2565JTT Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 400 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
GRated voltage : 630 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Part No.
0.010
10.8
4.3
7.4
12.4
7.5
7.5
1.0
0.60
0.012
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.015
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.018
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.022
10.8
4.8
7.9
12.9
7.5
7.5
1.0
0.60
0.027
10.8
5.5
8.0
13.0
7.5
7.5
1.0
0.60
0.033
10.8
6.0
9.0
14.0
7.5
7.5
1.0
0.60
0.039
12.5
4.9
8.0
13.0
10.0
10.0
1.0
0.60
0.047
12.5
5.0
8.3
13.3
10.0
10.0
1.0
0.60
0.056
12.5
5.0
10.0
15.0
10.0
10.0
1.0
0.60
0.068
12.5
5.4
10.5
15.5
10.0
10.0
1.0
0.60
0.082
12.5
5.8
11.0
16.0
10.0
10.0
1.0
0.60
0.10
12.5
6.3
12.0
17.0
10.0
10.0
1.0
0.60
0.12
19.0
5.0
10.0
15.0
15.0
10.0
1.0
0.60
0.15
19.0
5.0
12.4
17.4
15.0
10.0
1.0
0.60
0.18
19.0
5.4
12.5
17.5
15.0
10.0
1.0
0.60
0.22
19.0
5.9
13.0
18.0
15.0
10.0
1.0
0.60
0.27
19.0
6.5
14.3
19.3
15.0
10.0
1.0
0.80
0.33
19.0
7.0
14.9
19.9
15.0
10.0
1.0
0.80
0.39
19.0
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.47
19.0
7.8
17.0
22.0
15.0
10.0
1.0
0.80
0.56
26.5
6.5
16.0
21.0
22.5
15.0
1.0
0.80
0.68
26.5
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.82
26.5
7.9
17.3
22.3
22.5
15.0
1.0
0.80
1.0
26.5
8.5
18.0
23.0
22.5
15.0
1.0
0.80
1.2
26.5
9.5
18.9
23.9
22.5
15.0
1.0
0.80
1.5
31.5
9.5
19.0
24.0
27.5
22.5
1.0
0.80
1.8
31.5
11.0
20.5
25.5
27.5
22.5
1.5
0.80
2.2
31.5
11.0
22.0
27.0
27.5
22.5
1.5
0.80
ECQE4103
□T()
ECQE4123
□T()
ECQE4153
□T()
ECQE4183
□T()
ECQE4223
□T()
ECQE4273
□T()
ECQE4333
□T()
ECQE4393
□T()
ECQE4473
□T()
ECQE4563
□T()
ECQE4683
□T()
ECQE4823
□T()
ECQE4104
□T()
ECQE4124
□T()
ECQE4154
□T()
ECQE4184
□T()
ECQE4224
□T()
ECQE4274
□T()
ECQE4334
□T()
ECQE4394
□T()
ECQE4474
□T()
ECQE4564
□T()
ECQE4684
□T()
ECQE4824
□T()
ECQE4105
□T()
ECQE4125
□T()
ECQE4155
□T()
ECQE4185
□T()
ECQE4225
□T()
Cap.
(µF)
Quantity.
1500
1000
900
800
700
800
700
600
500
1800
1700
1600
1400
1200
1500
1400
1300
1200
0700
0600
0500
0400
Dimensions (mm)
L max.
T max.
FS
Straight Crimped lead
φd
H max.
Straight Crimped lead
G max.
Straight
Standard
5 mm
Odd size
5 mm
Odd size
7.5 mm
style D:0.010 µF to 0.10 µF
style B:0.12 µF to 2.2 µF
Suffix for lead crimped or taped type.
Cap. tol. code
Part No.
0.010
12.5
4.5
7.5
12.5
10.0
10.0
1.0
0.60
0.012
12.5
4.5
7.8
12.8
10.0
10.0
1.0
0.60
0.015
12.5
5.0
8.2
13.2
10.0
10.0
1.0
0.60
0.018
12.5
4.9
10.0
15.0
10.0
10.0
1.0
0.60
0.022
12.5
5.3
10.5
15.5
10.0
10.0
1.0
0.60
0.027
12.5
5.5
10.9
15.9
10.0
10.0
1.0
0.60
0.033
12.5
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.039
12.5
6.0
13.4
18.4
10.0
10.0
1.0
0.60
0.047
12.5
6.5
13.5
18.5
10.0
10.0
1.0
0.60
0.056
19.0
5.4
10.5
15.5
15.0
10.0
1.0
0.60
0.068
19.0
5.8
11.0
16.0
15.0
10.0
1.0
0.60
0.082
19.0
6.5
12.0
17.0
15.0
10.0
1.0
0.60
0.10
19.0
6.3
14.0
19.0
15.0
10.0
1.0
0.60
0.12
19.0
6.3
14.5
19.5
15.0
10.0
1.0
0.80
0.15
19.0
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.18
19.0
8.0
16.0
21.0
15.0
10.0
1.0
0.80
0.22
19.0
9.0
16.5
21.5
15.0
10.0
1.0
0.80
0.27
26.5
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.33
26.5
7.8
17.0
22.0
22.5
15.0
1.0
0.80
0.39
26.5
8.5
17.9
22.9
22.5
15.0
1.0
0.80
0.47
26.5
9.3
18.5
23.5
22.5
15.0
1.0
0.80
0.56
26.5
10.0
20.0
25.0
22.5
15.0
1.5
0.80
0.68
26.5
11.5
21.0
26.0
22.5
15.0
1.5
0.80
0.82
31.5
11.3
20.5
25.5
27.5
22.5
1.5
0.80
1.0
31.5
12.5
21.9
26.9
27.5
22.5
1.5
0.80
1.2
31.5
13.5
23.0
28.0
27.5
22.5
1.5
0.80
1.5
31.5
15.3
24.7
29.7
27.5
22.5
1.5
0.80
1.8
31.5
16.8
27.0
32.0
27.5
22.5
1.5
0.80
2.2
31.5
19.5
29.0
34.0
27.5
22.5
1.5
0.80
ECQE6103
□T()
ECQE6123
□T()
ECQE6153
□T()
ECQE6183
□T()
ECQE6223
□T()
ECQE6273
□T()
ECQE6333
□T()
ECQE6393
□T()
ECQE6473
□T()
ECQE6563
□T()
ECQE6683
□T()
ECQE6823
□T()
ECQE6104
□T()
ECQE6124
□T()
ECQE6154
□T()
ECQE6184
□T()
ECQE6224
□T()
ECQE6274
□T()
ECQE6334
□T()
ECQE6394
□T()
ECQE6474
□T()
ECQE6564
□T()
ECQE6684
□T()
ECQE6824
□T()
ECQE6105
□T()
ECQE6125
□T()
ECQE6155
□T()
ECQE6185
□T()
ECQE6225
□T()
Cap.
(µF)
Quantity.
Odd size
5 mm
Odd size
7.5 mm
900
800
700
600
800
700
600
500
400
1600
1400
1300
1200
1100
0600
0500
0400
Dimensions (mm)
L max
T max
F
Straight
S
Crimped lead
G max
Straight
φd
H max
Straight Crimped lead
style D:0.010 µF to 0.047 µF
style B:0.056 µF to 2.2 µF


Similar Part No. - ECQE2565JTT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2565 PANASONIC-ECQE2565 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2565 PANASONIC-ECQE2565 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE2565 PANASONIC-ECQE2565 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2565 PANASONIC-ECQE2565 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2565 PANASONIC-ECQE2565 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2565JTT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com