Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43231A4187M000 Datasheet(PDF) 11 Page - EPCOS

Part # B43231A4187M000
Description  Aluminum electrolytic capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43231A4187M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B43231A4187M000 Datasheet HTML 7Page - EPCOS B43231A4187M000 Datasheet HTML 8Page - EPCOS B43231A4187M000 Datasheet HTML 9Page - EPCOS B43231A4187M000 Datasheet HTML 10Page - EPCOS B43231A4187M000 Datasheet HTML 11Page - EPCOS B43231A4187M000 Datasheet HTML 12Page - EPCOS B43231A4187M000 Datasheet HTML 13Page - EPCOS B43231A4187M000 Datasheet HTML 14Page - EPCOS B43231A4187M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
11 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
16
39000
35
× 35
6.96
B41231B4399M000
47000
30
× 50
7.62
B41231A4479M000
47000
35
× 40
7.54
B41231B4479M000
56000
35
× 45
8.08
B41231A4569M000
68000
35
× 50
8.53
B41231A4689M000
25
5600
22
× 25
2.65
B41231A5568M000
6800
22
× 30
3.06
B41231A5688M000
6800
25.4
× 25
3.15
B41231B5688M000
8200
22
× 35
3.45
B41231A5828M000
8200
25.4
× 30
3.57
B41231B5828M000
10000
22
× 40
3.95
B41231A5109M000
10000
25.4
× 30
3.89
B41231B5109M000
12000
22
× 45
4.41
B41231A5129M000
12000
25.4
× 35
4.37
B41231B5129M000
12000
30
× 25
3.99
B41231C5129M000
15000
22
× 50
4.94
B41231A5159M000
15000
25.4
× 40
4.94
B41231B5159M000
15000
30
× 30
4.50
B41231C5159M000
18000
25.4
× 45
5.45
B41231A5189M000
18000
30
× 35
5.10
B41231B5189M000
22000
30
× 35
5.38
B41231A5229M000
22000
35
× 30
5.51
B41231B5229M000
27000
30
× 45
6.22
B41231A5279M000
27000
35
× 35
6.12
B41231B5279M000
33000
30
× 50
6.82
B41231A5339M000
33000
35
× 40
6.74
B41231B5339M000
39000
35
× 45
7.35
B41231A5399M000
35
4700
22
× 30
3.06
B41231A7478M000
4700
25.4
× 25
2.98
B41231B7478M000
5600
22
× 35
3.28
B41231A7568M000
5600
25.4
× 30
3.39
B41231B7568M000
6800
22
× 40
3.73
B41231A7688M000
6800
25.4
× 30
3.67
B41231B7688M000
6800
30
× 25
3.76
B41231C7688M000
8200
22
× 45
4.13
B41231A7828M000
8200
25.4
× 35
4.10
B41231B7828M000
8200
30
× 30
4.22
B41231C7828M000
10000
22
× 50
4.68
B41231A7109M000
10000
25.4
× 40
4.68
B41231B7109M000
10000
30
× 30
4.58
B41231C7109M000
12000
25.4
× 45
5.18
B41231A7129M000
Technical data and ordering codes B41231
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41231_B43231.book Seite 11 Mittwoch, 16. April 2008 2:27 14


Similar Part No. - B43231A4187M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43231A9477M EPCOS-B43231A9477M Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors Alu-X product lines
More results

Similar Description - B43231A4187M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com