Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2363 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2363 Datasheet HTML 2Page - RF Micro Devices RF2363 Datasheet HTML 3Page - RF Micro Devices RF2363 Datasheet HTML 4Page - RF Micro Devices RF2363 Datasheet HTML 5Page - RF Micro Devices RF2363 Datasheet HTML 6Page - RF Micro Devices RF2363 Datasheet HTML 7Page - RF Micro Devices RF2363 Datasheet HTML 8Page - RF Micro Devices RF2363 Datasheet HTML 9Page - RF Micro Devices RF2363 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary
4-205
RF2363
Rev B2 010129
4
Gain versus Frequency
1900 MHz LNA
20.0
20.5
21.0
21.5
22.0
22.5
23.0
1800.0 1810.0 1820.0 1830.0 1840.0 1850.0 1860.0 1870.0 1880.0 1890.0
Frequency (MHz)
-40°C, 2.8V
-40°C, 3.2V
+25°C, 2.8V
+25°C, 3.2V
+85°C, 2.8V
+85°C, 3.2V
Gain versus Frequency
900 MHz LNA
17.6
17.8
18.0
18.2
18.4
18.6
18.8
19.0
925.0
930.0
935.0
940.0
945.0
950.0
955.0
960.0
Frequency (MHz)
-40°C, 2.8V
-40°C, 3.2V
+25°C, 2.8V
+25°C, 3.2V
+85°C, 2.8V
+85°C, 3.2V
Noise Figure versus Frequency
1900 MHz LNA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1800.0 1810.0 1820.0 1830.0 1840.0 1850.0 1860.0 1870.0 1880.0 1890.0
Frequency (MHz)
2.8V
3.2V
Noise Figure versus Frequency
900 MHz LNA
1.0
1.1
1.2
1.3
1.4
1.5
925.0
930.0
935.0
940.0
945.0
950.0
955.0
960.0
Frequency (MHz)
2.8V
3.2V
Input 1 dB Compression Point versus Frequency
1900 MHz LNA
-18.0
-17.0
-16.0
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
1800.0 1810.0 1820.0 1830.0 1840.0 1850.0 1860.0 1870.0 1880.0 1890.0
Frequency (MHz)
-40°C, 2.8V
-40°C, 3.2V
+25°C, 2.8V
+25°C, 3.2V
+85°C, 2.8V
+85°C, 3.2V
Input 1 dB Compression Point versus Frequency
900 MHz LNA
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
925.0
930.0
935.0
940.0
945.0
950.0
955.0
960.0
Frequency (MHz)
-40°C, 2.8V
-40°C, 3.2V
+25°C, 2.8V
+25°C, 3.2V
+85°C, 2.8V
+85°C, 3.2V


Similar Part No. - RF2363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363 Datasheet
341Kb / 12P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
341Kb / 12P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com