Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43231A5566M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43231A5566M000
Description  Aluminum electrolytic capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43231A5566M000 Datasheet(HTML) 3 Page - EPCOS

  B43231A5566M000 Datasheet HTML 1Page - EPCOS B43231A5566M000 Datasheet HTML 2Page - EPCOS B43231A5566M000 Datasheet HTML 3Page - EPCOS B43231A5566M000 Datasheet HTML 4Page - EPCOS B43231A5566M000 Datasheet HTML 5Page - EPCOS B43231A5566M000 Datasheet HTML 6Page - EPCOS B43231A5566M000 Datasheet HTML 7Page - EPCOS B43231A5566M000 Datasheet HTML 8Page - EPCOS B43231A5566M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
3
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
10 … 500 V DC
Operating tempera-
ture range
VR ≤ 250 V DC: –40 °C … +85 °C
VR ≥ 315 V DC: –25 °C … +85 °C
Rated capacitance CR
(20
°C, 120 Hz)
56 … 68000
µF
Capacitance tolerance
±20% M
Load life
(85
°C, VR, IAC,R)
2000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 minutes)
Dissipation factor
(max.)
(20
°C, 120 Hz)
VR
(V DC)
10
16
25
35
50
63
80
100 160 ...
200
250...
400
450 ...
500
tan
δ
0.50
0.50
0.40 0.40 0.30 0.25 0.20 0.15 0.12
0.15
0.20
Low temperature
stability
(impedance ratio)
(120 Hz)
VR (V DC)
10
16 ... 160
200 ... 250 315 ... 400
450 ... 500
54
7
8
8
18
15
12
––
Shelf life
After storage for 1000 h at 85
°C, the capacitors shall meet the requirement
of load life test after reforming process. After test: VR to be applied for
30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz
1 kHz
10 kHz
20 kHz
≤50 V
0.95
1.00
1.10
1.15
1.15
63 ... 100 V
0.95
1.00
1.16
1.30
1.33
≥160 V
0.90
1.00
1.20
1.50
1.55
Temperature multiplier
for rated ripple current
+40
°C
+55
°C
+70
°C
+85
°C
<160 V
2.1
2.1
1.5
1.0
≥160 V
1.7
1.5
1.3
1.0
Ileak 0.02 µA
CR
µF
-------
VR
V
-------
Z 25 °C
()
Z +20 °C
()
---------------------------
Z40 °C
()
Z +20 °C
()
---------------------------
AEC-C_B41231_B43231.book Seite 3 Mittwoch, 16. April 2008 2:27 14


Similar Part No. - B43231A5566M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43231A9477M EPCOS-B43231A9477M Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors Alu-X product lines
More results

Similar Description - B43231A5566M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com