Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXXN Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74HCXXXXN
Description  Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXXN Datasheet(HTML) 1 Page - Motorola, Inc

  MC74HCXXXXN Datasheet HTML 1Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 2Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 3Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 4Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 5Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 6Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 7Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 8Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 7
© Motorola, Inc. 1995
10/95
Analog Multiplexers/
Demultiplexers
High–Performance Silicon–Gate CMOS
The MC54/74HC4051, MC74HC4052 and MC54/74HC4053 utilize sili-
con–gate CMOS technology to achieve fast propagation delays, low ON
resistances, and low OFF leakage currents. These analog multiplexers/
demultiplexers control analog voltages that may vary across the complete
power supply range (from VCC to VEE).
The HC4051, HC4052 and HC4053 are identical in pinout to the
metal–gate MC14051B, MC14052B and MC14053B. The Channel–Select
inputs determine which one of the Analog Inputs/Outputs is to be connected,
by means of an analog switch, to the Common Output/Input. When the
Enable pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs; with pullup resistors they are compatible with LSTTL
outputs.
These devices have been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal–gate CMOS analog
switches.
For multiplexers/demultiplexers with channel–select latches, see
HC4351, HC4352 and HC4353.
• Fast Switching and Propagation Speeds
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Analog Power Supply Range (VCC – VEE) = 2.0 to 12.0 V
• Digital (Control) Power Supply Range (VCC – GND) = 2.0 to 6.0 V
• Improved Linearity and Lower ON Resistance Than Metal–Gate
Counterparts
• Low Noise
• In Compliance With the Requirements of JEDEC Standard No. 7A
• Chip Complexity: HC4051 — 184 FETs or 46 Equivalent Gates
HC4052 — 168 FETs or 42 Equivalent Gates
HC4053 — 156 FETs or 39 Equivalent Gates
LOGIC DIAGRAM
MC54/74HC4051
Single–Pole, 8–Position Plus Common Off
X0
13
X1
14
X2
15
X3
12
X4
1
X5
5
X6
2
X7
4
A
11
B
10
C
9
ENABLE
6
MULTIPLEXER/
DEMULTIPLEXER
X
3
ANALOG
INPUTS/
CHANNEL
INPUTS
PIN 16 = VCC
PIN 7 = VEE
PIN 8 = GND
COMMON
OUTPUT/
INPUT
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5
Enable VEE GND
Pinout: MC54/74HC4051 (Top View)
OUTPUTS
SELECT
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
X
MC54/74HC4051
MC74HC4052
MC54/74HC4053
FUNCTION TABLE – MC54/74HC4051
Control Inputs
ON Channels
Enable
Select
C
B
A
X0
X1
X2
X3
X4
X5
X6
X7
NONE
L
L
L
L
L
L
L
L
H
X = Don’t Care
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16
ORDERING INFORMATION
MC54HCXXXXJ
MC74HCXXXXN
MC74HCXXXXD
MC74HCXXXXDW
MC74HCXXXXDT
Ceramic
Plastic
SOIC
SOIC Wide
TSSOP
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01
DW SUFFIX
SOIC PACKAGE
CASE 751G–02
1
16


Similar Part No. - MC74HCXXXXN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCXXXXN ONSEMI-MC74HCXXXXN Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HCXXXXN MOTOROLA-MC74HCXXXXN Datasheet
269Kb / 10P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXXN MOTOROLA-MC74HCXXXXN Datasheet
155Kb / 5P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXXN MOTOROLA-MC74HCXXXXN Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXXN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_06 Datasheet
401Kb / 16P
   Analog Multiplexers / Demultiplexers High-Performance Silicon-Gate CMOS
March, 2006 -- Rev. 5
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com