Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF18D415 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELF18D415
Description  Line Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF18D415 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELF18D415 Datasheet HTML 1Page - Panasonic Semiconductor ELF18D415 Datasheet HTML 2Page - Panasonic Semiconductor ELF18D415 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
21.0
±1.0
17.0
±0.5
21.0
±1.0
13.0
±0.5
17.0
±0.1
4-
f1.2
±0.1
1
23
4
4-
f0.8
±0.1
6.0
±1.0
Marking
Marking
4-
f0.8
±0.1
4-
f1.2
±0.1
21.0
±0.5
24.0
±1.0
15.0
±0.5
25.0
±1.0
21.0
±0.1
1
2
3
4
Series H
Type 270
Type 400
Recommended PWB piercing plan
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Dimensions in mm (not to scale)
DC Resistance
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D270J
270J
33.0
2.691
0.3
ELF18D270A
270A
6.8
0.571
0.7
ELF18D270B
270B
22.0
1.707
0.4
ELF18D270Q
270Q
5.6
0.504
0.8
ELF18D270H
270H
18.0
1.271
0.5
ELF18D270D
270D
2.7
0.248
1.1
ELF18D270G
270G
10.0
0.782
0.6
ELF18D270C
270C
1.8
0.162
1.5
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D428
ELF428
33.00
1.184
0.5
ELF18D427F
ELF427F
39.00
1.332
0.5
ELF18D423
ELF423
27.00
1.136
0.6
ELF18D417F
ELF417F
18.00
0.655
0.8
ELF18D430
ELF430
12.00
0.595
0.9
ELF18D431F
ELF431F10.00
0.384
1.0
ELF18D415
ELF415
8.20
0.374
1.0
ELF18D424F
ELF424F
5.60
0.191
1.4
ELF18D412
ELF412
6.80
0.290
1.2
ELF18D434F
ELF434F
2.70
0.111
2.0
ELF18D433
ELF433
3.90
0.176
1.5
ELF18D435F
ELF435F
2.20
0.084
2.2
ELF18D414
ELF414
3.30
0.138
1.8
ELF18D420F
ELF420F
1.20
0.043
3.0
ELF18D419
ELF419
1.50
0.076
2.4
ELF18D441F
ELF441F
0.56
0.030
3.4
ELF18D437F
ELF437F
68.00
2.319
0.4
● Standard Parts
● Standard Parts
Feb. 2006


Similar Part No. - ELF18D415

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF18D415 PANASONIC-ELF18D415 Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
More results

Similar Description - ELF18D415

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com