Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXXDT Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC74HCXXXXDT
Description  Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXXDT Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC74HCXXXXDT Datasheet HTML 7Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 8Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 9Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 10Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 11Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 12Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 13Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 14Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 15Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
High–Speed CMOS Logic Data
DL129 — Rev 6
11
MOTOROLA
ANALOG
SIGNAL
Figure 15. Application Example
Figure 16. External Germanium or
Schottky Clipping Diodes
a. Using Pull–Up Resistors
b. Using HCT Interface
Figure 17. Interfacing LSTTL/NMOS to CMOS Inputs
ON
6
7
8
16
+5V
–5V
ANALOG
SIGNAL
+5V
–5V
+5V
–5V
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 5V
DIGITAL SIGNALS
ON/OFF
7
8
16
VCC
VEE
VEE
Dx
VCC
Dx
VEE
Dx
VCC
Dx
ANALOG
SIGNAL
ON/OFF
6
7
8
16
+5V
VEE
ANALOG
SIGNAL
+5V
VEE
+5V
VEE
11
10
9
R
*
R
R
LSTTL/NMOS
CIRCUITRY
+5V
* 2K
≤ R ≤ 10K
ANALOG
SIGNAL
ON/OFF
6
7
8
16
+5V
VEE
ANALOG
SIGNAL
+5V
VEE
+5V
VEE
11
10
9
LSTTL/NMOS
CIRCUITRY
+5V
HCT
BUFFER
Figure 18. Function Diagram, HC4051
13
X0
14
X1
15
X2
12
X3
1
X4
5
X5
2
X6
4
X7
3
X
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
LEVEL
SHIFTER
11
A
10
B
9
C
6
ENABLE


Similar Part No. - MC74HCXXXXDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCXXXXDT ONSEMI-MC74HCXXXXDT Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
269Kb / 10P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXXDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_06 Datasheet
401Kb / 16P
   Analog Multiplexers / Demultiplexers High-Performance Silicon-Gate CMOS
March, 2006 -- Rev. 5
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com