Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF18D414 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELF18D414
Description  Line Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF18D414 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELF18D414 Datasheet HTML 1Page - Panasonic Semiconductor ELF18D414 Datasheet HTML 2Page - Panasonic Semiconductor ELF18D414 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
Marking
4-
f0.8
±0.1
4-
f1.2
±0.1
24.0
±0.5
28.5
±1.0
20.0
±0.5
29.0
±1.0
24.0
±0.1
1
2
3
4
21.0
±0.1
4-
f0.8
21.0
±0.5
25.0
±1.0
15.0
±0.5
25.0
±1.0
1
2
4
3
4-
f1.2
±0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
ELF19H030A
ELF19H035A
ELF600 type
Frequency (MHz)
Series H
Type 600
Recommended PWB piercing plan
Dimensions in mm (not to scale)
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D607
ELF607
68.0
1.739
0.5
ELF18D614
ELF614
1.8
0.062
2.8
ELF18D615
ELF615
39.0
1.075
0.7
ELF18D610
ELF610
1.5
0.058
3.1
ELF18D618
ELF618
27.0
0.708
0.8
ELF18D608
ELF608
1.0
0.045
3.4
ELF18D612
ELF612
22.0
0.540
1.0
ELF18D624F
ELF624F
33.0
0.707
0.8
ELF18D602
ELF602
8.2
0.226
1.7
ELF18D606F
ELF606F
18.0
0.331
1.2
ELF18D603
ELF603
5.6
0.155
1.8
ELF18D609F
ELF609F
12.0
0.226
1.6
ELF18D604
ELF604
4.7
0.125
2.0
ELF18D601F
ELF601F
10.0
0.214
1.6
ELF18D613
ELF613
3.9
0.104
2.2
ELF18D603F
ELF603F
5.6
0.111
2.2
ELF18D605
ELF605
3.3
0.087
2.5
ELF18D604F
ELF604F
4.7
0.087
2.5
ELF18D611
ELF611
2.7
0.082
2.6
ELF18D617F
ELF617F
2.2
0.058
2.8
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF19H010A
353 10A
35.0
0.620
1.0
ELF19H030A
382 30A
3.8
0.068
3.0
ELF19H020A
823 20A
8.0
0.135
2.0
ELF19H035A
302 35A
3.0
0.050
3.5
● Standard Parts (19H
A)
Series H
Type 19H
Recommended PWB piercing plan
Dimensions in mm (not to scale)
Impedance Characteristics
● Standard Parts
Feb. 2006


Similar Part No. - ELF18D414

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF18D414 PANASONIC-ELF18D414 Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
More results

Similar Description - ELF18D414

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com