Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF21V010S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELF21V010S
Description  Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF21V010S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELF21V010S Datasheet HTML 1Page - Panasonic Semiconductor ELF21V010S Datasheet HTML 2Page - Panasonic Semiconductor ELF21V010S Datasheet HTML 3Page - Panasonic Semiconductor ELF21V010S Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
21.0
±0.5
15.0
±0.5
24.0
±1.0
37.0
±1.0
4-
f 1.2
±0.1
21.0
±0.1
4-
f2.0
±0.1
1
2
3
4
Marking
4-
f0.8
±0.1
4-
f1.2
±0.1
13.0
±0.5
20.0
±1.0
10.0
±0.5
21.0
±1.0
13.0
±0.1
1
23
4
Marking
Series V
Type 24V
Series H
Type 200
Recommended PWB piercing plan
Recommended PWB piercing plan
DC Resistance
DC Resistance
Dimensions in mm (not to scale)
Dimensions in mm (not to scale)
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF24V008A
823 08A
82.00
0.892
0.8
ELF24V034A
562 34A
5.60
0.065
3.4
ELF24V010A
563 10A
56.00
0.608
1.0
ELF24V035A
472 35A
4.70
0.060
3.5
ELF24V012A
473 12A
47.00
0.469
1.2
ELF24V037A
392 37A3.90
0.052
3.7
ELF24V014A
333 14A
33.00
0.327
1.4
ELF24V042A
332 42A
3.30
0.041
4.2
ELF24V015A
273 15A
27.00
0.274
1.5
ELF24V045A
272 45A2.70
0.031
4.5
ELF24V018A
223 18A
22.00
0.237
1.8
ELF24V050A
152 50A1.50
0.028
5.0
ELF24V019A
183 19A
18.00
0.228
1.9
ELF24V070A
801 70A0.80
0.016
7.0
ELF24V020A
153 20A
15.00
0.1612.0
ELF24V080A
401 80A
0.40
0.015 max.
8.0
ELF24V025A
103 25A
10.00
0.124
2.5
ELF24V090A
261 90A
0.26
0.012 max.
9.0
ELF24V028A
902 28A
9.00
0.100
2.8
ELF24V100A
151 100A
0.15
0.0085 max.
10.0
ELF24V030A
822 30A8.20
0.090
3.0
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D218
ELF218
22.0
1.564
0.40
ELF18D222F
ELF222F
68.0
4.024
0.25
ELF18D210
ELF210
18.0
1.271
0.50
ELF18D235F
ELF235F
47.0
2.768
0.30
ELF18D214
ELF214
8.2
0.574
0.70
ELF18D221FELF221F
33.0
1.790
0.40
ELF18D225
ELF225
6.8
0.519
0.80
ELF18D227F
ELF227F
4.7
0.294
1.00
ELF18D216
ELF216
3.9
0.294
1.00
ELF18D228FELF228F
2.2
0.153
1.50
ELF18D219
ELF219
2.7
0.197
1.30
ELF18D230F
ELF230F
1.2
0.082
2.00
ELF18D217
ELF217
1.5
0.119
1.60
ELF18D212F
ELF212F
1.0
0.067
2.10
● Standard Parts
● Standard Parts
Feb. 2006


Similar Part No. - ELF21V010S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF21V010S PANASONIC-ELF21V010S Datasheet
117Kb / 4P
   Line Filters
More results

Similar Description - ELF21V010S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com