Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERQ2ABJ101E Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERQ2ABJ101E
Description  Metal Film Fusing Resistors, ERQA, Z
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERQ2ABJ101E Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERQ2ABJ101E Datasheet HTML 1Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 2Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 3Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 4Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 5Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 6Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 7Page - Panasonic Semiconductor ERQ2ABJ101E Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film
Fusing Resistors, ERQA, Z
P0
fD0
fd
P1
F
PP2
D
Insulated
Lead
a
c
Marking
P1
P
A
B
F
P2
fd
P0
fD0
For Panasert Automatic Insertion Machine Radial Tape & Box
Type ERQ
AJ
E
ERQ
ZJ
E
(14A/14Z, 12A/12Z, 1AB/1Z)
● Radial Tape Packaging Methods
For Panasert Automatic Insertion Machine Radial Taped & Box
Type ERQ
A/ZJW
E (14A/14Z, 12A/12Z, 1AB/1Z)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
P
12.7±1.0
W
18.0±0.5
H1
14A/14Z
12 max.
A
14A/14Z
6.35
+0.65
D
14A/14Z
2.3±0.5
P0
12.7±0.3
W1
9.0±0.5
12A/12Z 15.5 max.
12A/12Z
9.0
+1.5
12A/12Z
2.8±0.5
P1
3.85±0.70
1AB/1Z
19 max.
1AB/1Z
12.0
+1.5
1AB/1Z
4.0±1.0
P2
6.35±1.00
H0
16.0±0.5
fd
0.65±0.05
F
5.0±0.8
fD0
4.0±0.2
–0.35
–1.0
–1.0
Part Number
Dimensions (mm)
Standard Quantity
(pcs./box)
abc
ERQ14AJ
E
ERQ14ZJ
E
46
130
335
2000 pcs./box
ERQ12AJ
E
ERQ12ZJ
E
46
130
335
2000 pcs./box
ERQ1ABJ
E
ERQ1ZJ
E
49
100
335
1000 pcs./box
Dimensions (mm)
Dimensions (mm)
P
14A/14Z
12.7±1.0
H1
14A/14Z
6.5
+0.6
12A/12Z, 1AB/1Z
30.0±1.0
12A/12Z
6.5
+1.0
P0
14A/14Z
12.7±0.3
1AB/1Z
6.5
+1.0
12A/12Z, 1AB/1Z
15.0±0.3
fD0
4.0±0.2
P1
14A/14Z
6.35±1.00
A
14A/14Z
6.35
+0.65
12A/12Z, 1AB/1Z
7.5±1.0
12A/12Z
9.0
+1.5
P2
14A/14Z
3.85±0.70
1AB/1Z
12.0
+1.5
12A/12Z, 1AB/1Z
3.75±0.50
B
14A/14Z
11.2 max.
F
14A/14Z
5.0
+0.6
12A/12Z
14 max.
12A/12Z, 1AB/1Z
7.5
+0.6
1AB/1Z
17 max.
W
18.0±0.5
fD
14A/14Z
2.3
+0.5
W1
9.0±0.5
12A/12Z
2.8±0.5
H0
14A/14Z
16.0±0.5
1AB/1Z
4.0±1.0
12A/12Z
18.0±1.0
fd
14A/14Z
0.65±0.05
1AB/1Z
18.0±1.0
12A/12Z, 1AB/1Z
0.80±0.05
–0
–0.35
–1.0
–1.0
–0.3
–0.2
–0.2
–0
–0
Feb. 2006


Similar Description - ERQ2ABJ101E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com