Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF21V027S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELF21V027S
Description  Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF21V027S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELF21V027S Datasheet HTML 1Page - Panasonic Semiconductor ELF21V027S Datasheet HTML 2Page - Panasonic Semiconductor ELF21V027S Datasheet HTML 3Page - Panasonic Semiconductor ELF21V027S Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
25.0
±1.0
13.0
±0.5
18.0
±1.0
10.0
±0.5
4-
f0.8
±0.1
13.00
±0.05
4-
f1.2
±0.1
1
2
3
4
Marking
13.0
±0.5
10.0
±0.5
21.0
±1.0
29.0
±1.0
4-
f 0.8
±0.1
13.00
±0.05
4-
f1.2
±0.1
1
2
3
4
Marking
Recommended PWB piercing plan
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D450Q
ELF450Q
56.0
1.795
0.4
ELF18D450D
ELF450D
5.6
0.191
1.4
ELF18D450H
ELF450H
39.0
1.332
0.5
ELF18D450K
ELF450K
3.9
0.133
1.8
ELF18D450B
ELF450B
18.0
0.655
0.8
ELF18D450A
ELF450A
2.7
0.110
2.0
ELF18D450J
ELF450J
10.0
0.384
1.0
ELF18D450C
ELF450C
2.2
0.084
2.2
ELF18D450G
ELF450G
8.2
0.274
1.1
ELF18D450M
ELF450M
1.2
0.043
3.0
ELF18D450L
ELF450L
6.8
0.253
1.2
Series V
Type 450
Dimensions in mm (not to scale)
Type 21V
Recommended PWB piercing plan
Dimensions in mm (not to scale)
DC Resistance
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF21V006S
723 06S
72.0
1.294
0.6
ELF21V019S
872 19S
8.7
0.155
1.9
ELF21V009S
363 09S
36.0
0.707
0.9
ELF21V020S
752 20S
7.5
0.147
2.0
ELF21V010S
293 10S
29.0
0.515
1.0
ELF21V023S
592 23S
5.9
0.111
2.3
ELF21V013S
193 13S
19.0
0.331
1.3
ELF21V027S
452 27S
4.5
0.087
2.7
ELF21V014S
173 14S
17.0
0.309
1.4
ELF21V030S
332 30S
3.3
0.071
3.0
ELF21V017S
123 17S
12.0
0.226
1.7
ELF21V033S
232 33S
2.3
0.058
3.3
● Standard Parts
● Standard Parts
Feb. 2006


Similar Part No. - ELF21V027S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF21V027S PANASONIC-ELF21V027S Datasheet
117Kb / 4P
   Line Filters
More results

Similar Description - ELF21V027S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com