Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1510-H-4-L55-C1 Datasheet(PDF) 8 Page - GSI Group, Inc.

Part # M1510-H-4-L55-C1
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-H-4-L55-C1 Datasheet(HTML) 8 Page - GSI Group, Inc.

  M1510-H-4-L55-C1 Datasheet HTML 1Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 2Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 3Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 4Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 5Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 6Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 7Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 8Page - GSI Group, Inc. M1510-H-4-L55-C1 Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8 of 9
Key: inches[mm]
Model No.
Scale Outer
Scale Inner
Optical
Hub Inner
Hub
Fundamental
Diameter
Diameter
Diameter
Diameter
Thickness
CPR
+.0005/-0.0000
R1206
0.472 [12.00]
0.250 [6.35]
0.413 [10.50]
0.1253 [3.18]
0.040 [1.02]
1650
R1910
0.750 [19.05]
0.375 [9.52]
0.627 [15.92]
0.1253 [3.183]
0.040 [1.02]
2500
R3213
1.250 [31.75]
0.500 [12.70]
1.027 [26.08]
0.2503 [6.358]
0.050 [1.27]
4096
R5725
2.250 [57.15]
1.000 [25.40]
2.053 [52.15]
0.5003 [12.708]
0.060 [1.52]
8192
R10851
4.250 [107.95]
2.000 [50.80]
4.106 [104.30]
1.0003 [25.408]
0.080 [2.03]
16384
HUB I.D.
OPTICAL DIAMETER
SCALE O.D.
HUB THICKNESS
SCALE
PATTERN
MOUNTING
HOLES
Specifications
Material
Soda lime glass
Typical CTE
8ppm/°C
Standard Rotary Scales
Custom scales available


Similar Part No. - M1510-H-4-L55-C1

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1510-2 MOSDESIGN-M1510-2 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
M1510-8 MOSDESIGN-M1510-8 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
More results

Similar Description - M1510-H-4-L55-C1

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
NXP Semiconductors
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com