Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1510-S-40-L55-C1 Datasheet(PDF) 4 Page - GSI Group, Inc.

Part # M1510-S-40-L55-C1
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-40-L55-C1 Datasheet(HTML) 4 Page - GSI Group, Inc.

  M1510-S-40-L55-C1 Datasheet HTML 1Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 2Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 3Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 4Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 5Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 6Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 7Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 8Page - GSI Group, Inc. M1510-S-40-L55-C1 Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rotary - 20μm grating pitch
Rotary
Fundamental
Interpolation
Glass Scale
Resolution
Below is a table of the available resolutions.
Diameter
0.472” [12.00mm]
1650 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
6,600
13,200
33,000
66,000
interpolated resolution (arc-sec/count)*
196.4
98.2
39.2
19.64
interpolated resolution (µrad/count)*
952
476
190.3
95.2
maximum speed (RPM)
13090
13090
13090
13090
0.750” [19.05mm]
2500 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
10,000
20,000
50,000
100,000
interpolated resolution (arc-sec/count)*
129.6
64.8
25.9
12.96
interpolated resolution (µrad/count)*
628
314
125.6
62.8
maximum speed (RPM)
8640
8640
8640
8640
1.250” [31.75mm]
4096 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
16,384
32,768
81,920
163,840
interpolated resolution (arc-sec/count)*
79.1
39.6
15.82
7.91
interpolated resolution (µrad/count)*
383
191.7
76.6
38.3
maximum speed (RPM)
5273
5273
5273
5273
2.250” [57.15mm]
8192 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
32,768
65,536
163,840
327,680
interpolated resolution (arc-sec/count)*
39.6
19.78
7.92
3.96
interpolated resolution (µrad/count)*
191.7
95.8
38.3
19.17
maximum speed (RPM)
2637
2637
2637
2637
4.250” [107.95mm] 16384 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
65,536
131,072
327,680
655,360
interpolated resolution (arc-sec/count)* 19.78
9.89
3.96
1.978
interpolated resolution (µrad/count)*
95.8
47.9
19.16
9.58
maximum speed (RPM)
1318
1318
1318
1318
* Resolution values shown are approximate. To calculate exact resolution values, convert from CPR (Counts Per Revolution) to the desired units.
Note: Specifications assume XOR function which is available in all standard controllers.
All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors.
Linear - 20μm grating pitch
Interpolation
Resolution
Maximum Speed
x4
5.000µm/count
7200mm/s
x8
2.500µm/count
7200mm/s
x20
1.000µm/count
7200mm/s
x40
0.500µm/count
7200mm/s
System Specifications
Resolution and Maximum Speed
Mercury 1500 systems have factory set interpolation: x4, x8, x20, x40. Below is the table of available resolutions.
Page 4 of 9


Similar Part No. - M1510-S-40-L55-C1

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1510-2 MOSDESIGN-M1510-2 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
M1510-8 MOSDESIGN-M1510-8 Datasheet
26Kb / 2P
   M3764P RANDOM / SEQUENCE
2005-11-04
More results

Similar Description - M1510-S-40-L55-C1

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
   3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
NXP Semiconductors
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
   Factory set trigger point: 15째
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com