Electronic Components Datasheet Search |
|
M1520P-L2025-C1 Datasheet(PDF) 4 Page - GSI Group, Inc. |
|
M1520P-L2025-C1 Datasheet(HTML) 4 Page - GSI Group, Inc. |
4 / 6 page Page 4 of 6 Mercury 1500P Outputs 10-pin interface PIN FUNCTION 1B - 2B + 3 Sin + * 4 Cos + * 5 + 5 V DC 6 Index Window + 7 Index Window - 8A + 9A - 10 Ground 4.11 .162 5.59 .220 15.24 .600 1.75 .069 8.85 .348 2.44 .096 3.76 .148 7.49 .295 8.75 .344 THRU. 2X 0-80UNC-2B 12.70 .500 4X R 1.19 .047 4.65 .183 8.38 .330 3.21 .126 PIN SP ACING 1.28 .050 PI N 1 PI N 5 PI N 6 PI N 10 Mechanical Information - Sensor All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors. System Specifications System Grating Period 20µm System Resolution 5µm, 2.5µm, 1.00µm, or 0.50µm (linear) Linear Accuracy* Better than ±1µm** available; contact MicroE Better than ±3µm** up to 130mm, ±5µm from 155mm to 1m, ±5µm per meter from 1m to 2m *Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard, used at room temperature and with MicroE interpolation electronics. **Or +/- one quadrature count, whichever error value is greater. Rotary Accuracy* Scale O.D. Microradians** Arc-Seconds** 12.00mm ±100 ±21 19.05mm ±63 ±13 31.75mm ±38 ±7.8 57.15mm ±19 ±3.9 107.95mm ±10 ±2.1 *Based on ideal scale mounting concentricity **Or +/- one quadrature count, whichever error value is greater. Sensor Size W: 12.70mm 0.500" L: 15.24mm 0.600" H: 5.59mm 0.220" Operating and Electrical Specifications Power Supply 5VDC ±5% @ 33mA1 Temperature Operating: 0 to 70°C Storage: -20 to 70°C Humidity: 10 - 90% RH non-condensing Shock: 1500G 0.5 ms half sine (Sensor) Sensor Weight: 2.6g 1 Note: a voltage regulator on the customer’s printed circuit board, such as Analog Devices’ ADP 3334 or equivalent, is recommended at the 5V input to the encoder for maximum reliability. * Analog outputs are for sensor alignment only. Output Signals** A B Pins 8 & 9 Pins 2 & 1 Quadrature TTL Resolution Alignment Signals 20µm 90° 800mVp-p ± 25% on a 1.7V DC off- set. 20µm Typical 5VDC Index Window ** Inverse signals not shown for clarity. Pins 6 & 7 Pins 3 & 4 |
Similar Part No. - M1520P-L2025-C1 |
|
Similar Description - M1520P-L2025-C1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |