Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2418PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2418PCBA
Description  LOW CURRENT LNA/MIXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418PCBA Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2418PCBA Datasheet HTML 2Page - RF Micro Devices RF2418PCBA Datasheet HTML 3Page - RF Micro Devices RF2418PCBA Datasheet HTML 4Page - RF Micro Devices RF2418PCBA Datasheet HTML 5Page - RF Micro Devices RF2418PCBA Datasheet HTML 6Page - RF Micro Devices RF2418PCBA Datasheet HTML 7Page - RF Micro Devices RF2418PCBA Datasheet HTML 8Page - RF Micro Devices RF2418PCBA Datasheet HTML 9Page - RF Micro Devices RF2418PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
8-41
RF2418
Rev A6 010717
8
Evaluation Board Layout
Board Size 1.52” x 1.52”
Board Thickness 0.031”, Board Material FR-4


Similar Part No. - RF2418PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418PCBA RFMD-RF2418PCBA Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418PCBA-41X RFMD-RF2418PCBA-41X Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
More results

Similar Description - RF2418PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
   900MHZ 3V LOW CURRENT LNA/MIXER
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
logo
RF Micro Devices
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
   HIGH FREQUENCY LNA/MIXER
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com