Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2420 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2420
Description  PROGRAMMABLE ATTENUATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2420 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2420 Datasheet HTML 1Page - RF Micro Devices RF2420 Datasheet HTML 2Page - RF Micro Devices RF2420 Datasheet HTML 3Page - RF Micro Devices RF2420 Datasheet HTML 4Page - RF Micro Devices RF2420 Datasheet HTML 5Page - RF Micro Devices RF2420 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9-10
RF2420
Rev A6 010720
9
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.0
VDC
RF Input Power
+17
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C and 5V at 420MHz
Frequency Range
DC to 950
MHz
Tuning of bypass capacitors is required for
shifting the center frequency. See the evalu-
ation board schematic for details.
Insertion Loss
4
6
dB
Attenuation Range
0 to 44
dB
Gain Flatness
3
dB
In any 50MHz band, at max attenuation
3dB Bandwidth
500
MHz
At 26dB attenuation
50
MHz
At maximum attenuation
Input
Input Impedance
50
Input VSWR
1.2:1
1.5:1
Input 1dB Compression
+13
+15
dBm
Attenuation
Attenuation Settings
2, 4, 8, 10, 20
dB
CMOS Level, 5 bits
Accuracy
±0.5
dB
2dB step
±1.0
dB
4dB through 20dB steps
Attenuation Control
Attenuation “ON” Voltage
2.5
VDD
V
Voltage Supplied to input
Attenuation “OFF” Voltage
0.3
V
Voltage Supplied to input
Current
0.4
1.0
mA
Into each control line
Response Time
<10
ns
Output
IM3
-30
dBc
With 0dBm output in each of 2 tones
Harmonic Output
-40
dBc
Output Impedance
50
Output VSWR
1.2:1
1.5:1
Power Supply
Voltage
5
V
Specifications
3 to 6
V
Operating Limits
Current
4
8
mA
Operating
0.4
0.75
mA
Power Down
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).


Similar Part No. - RF2420

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
   10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
   10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
   2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2420

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RUDAT-6000-110 MINI-RUDAT-6000-110 Datasheet
1Mb / 8P
   Programmable Attenuator
RCDAT-30G-30 MINI-RCDAT-30G-30 Datasheet
908Kb / 10P
   Programmable Attenuator
RC4DAT-8G-95 MINI-RC4DAT-8G-95 Datasheet
974Kb / 10P
   Programmable Attenuator
RCDAT-6000-30 MINI-RCDAT-6000-30 Datasheet
932Kb / 8P
   Programmable Attenuator
RCDAT-6000-90 MINI-RCDAT-6000-90 Datasheet
1Mb / 8P
   Programmable Attenuator
RCDAT-8000-30 MINI-RCDAT-8000-30 Datasheet
785Kb / 8P
   Programmable Attenuator
RCDAT-8000-90 MINI-RCDAT-8000-90 Datasheet
872Kb / 8P
   Programmable Attenuator
RUDAT-13G-60 MINI-RUDAT-13G-60 Datasheet
822Kb / 9P
   Programmable Attenuator
RUDAT-6000-30 MINI-RUDAT-6000-30 Datasheet
959Kb / 9P
   Programmable Attenuator
RCDAT-4000-120 MINI-RCDAT-4000-120 Datasheet
834Kb / 8P
   Programmable Attenuator
RC4DAT-6G-95 MINI-RC4DAT-6G-95 Datasheet
788Kb / 9P
   Programmable Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com