Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2420 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2420
Description  PROGRAMMABLE ATTENUATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2420 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2420 Datasheet HTML 1Page - RF Micro Devices RF2420 Datasheet HTML 2Page - RF Micro Devices RF2420 Datasheet HTML 3Page - RF Micro Devices RF2420 Datasheet HTML 4Page - RF Micro Devices RF2420 Datasheet HTML 5Page - RF Micro Devices RF2420 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9-11
RF2420
Rev A6 010720
9
Pin
Function
Description
Interface Schematic
1RF IN
RF Input. This pin is not DC-blocked, and an external blocking capaci-
tor is required. The value depends on the frequency used. The DC
value on this pin is approximately equal to VDD.
2VDD
VDD supply connection. Bypassing is critical: To achieve maximum
attenuation range the magnitude of the impedance at the operation fre-
quency, as seen from the package pins, needs to be less than 0.5
Ω.
The DC source to the pin may be a logic driver gate to implement a
Power Down function.
3VDD
Same as pin 2.
4VDD
Same as pin 2.
5VDD
Same as pin 2.
6VDD
Same as pin 2.
7VDD
Same as pin 2.
8VDD
Same as pin 2.
9RF OUT
RF Output. Same as pin 1. Pin 1 and 9 are interchangeable.
10
G20
Control pin for the 20dB attenuator. This pin has an internal pull-down
resistor, so when the pin is not connected the attenuator will be turned
off.
11
G10
Control pin for the 10dB attenuator. This pin has an internal pull-down
resistor, so when the pin is not connected the attenuator will be turned
off.
Same as pin 10.
12
GND
Ground.
13
GND
Ground.
14
G8
Control pin for the 8dB attenuator. This pin has an internal pull-down
resistor, so when the pin is not connected the attenuator will be turned
off.
Same as pin 10.
15
G4
Control pin for the 4dB attenuator. This pin has an internal pull-down
resistor, so when the pin is not connected the attenuator will be turned
off.
Same as pin 10.
16
G2
Control pin for the 2dB attenuator. This pin has an internal pull-down
resistor, so when the pin is not connected the attenuator will be turned
off.
Same as pin 10.
RF IN
RF OUT
Gxx


Similar Part No. - RF2420

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
   10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
   10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
   2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
   2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2420

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RUDAT-6000-110 MINI-RUDAT-6000-110 Datasheet
1Mb / 8P
   Programmable Attenuator
RCDAT-30G-30 MINI-RCDAT-30G-30 Datasheet
908Kb / 10P
   Programmable Attenuator
RC4DAT-8G-95 MINI-RC4DAT-8G-95 Datasheet
974Kb / 10P
   Programmable Attenuator
RCDAT-6000-30 MINI-RCDAT-6000-30 Datasheet
932Kb / 8P
   Programmable Attenuator
RCDAT-6000-90 MINI-RCDAT-6000-90 Datasheet
1Mb / 8P
   Programmable Attenuator
RCDAT-8000-30 MINI-RCDAT-8000-30 Datasheet
785Kb / 8P
   Programmable Attenuator
RCDAT-8000-90 MINI-RCDAT-8000-90 Datasheet
872Kb / 8P
   Programmable Attenuator
RUDAT-13G-60 MINI-RUDAT-13G-60 Datasheet
822Kb / 9P
   Programmable Attenuator
RUDAT-6000-30 MINI-RUDAT-6000-30 Datasheet
959Kb / 9P
   Programmable Attenuator
RCDAT-4000-120 MINI-RCDAT-4000-120 Datasheet
834Kb / 8P
   Programmable Attenuator
RC4DAT-6G-95 MINI-RC4DAT-6G-95 Datasheet
788Kb / 9P
   Programmable Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com