Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2492 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2492
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2492 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2492 Datasheet HTML 4Page - RF Micro Devices RF2492 Datasheet HTML 5Page - RF Micro Devices RF2492 Datasheet HTML 6Page - RF Micro Devices RF2492 Datasheet HTML 7Page - RF Micro Devices RF2492 Datasheet HTML 8Page - RF Micro Devices RF2492 Datasheet HTML 9Page - RF Micro Devices RF2492 Datasheet HTML 10Page - RF Micro Devices RF2492 Datasheet HTML 11Page - RF Micro Devices RF2492 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Preliminary
8-40
RF2492
Rev A4 010828
8
Pin Out
1
3
6
4
5
2
9
14
10
13
11
12
32
27
31
28
30
29
24
22
19
21
20
23
26
25
7
8
15
16
18
17
LO IN
VCC2
GND
IF1+
IF1-
BYPASS
IF2-
IF2+
LNA ISET
CELL MIX IN
PCS LO OUT+
PCS OUT-
CELL LO OUT+
CELL LO OUT-
PCS MIX IN
GND


Similar Part No. - RF2492

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
   SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
   HIGH FREQUENCY LNA/MIXER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
   900MHZ 3V LOW CURRENT LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2492

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2890 RFMD-RF2890 Datasheet
183Kb / 14P
   DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
   DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
   DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2475 RFMD-RF2475 Datasheet
547Kb / 20P
   DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
   DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
logo
Sony Corporation
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
   Receive Dual Low Noise Amplifier/Mixer
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
   Receive Dual Low Noise Amplifier/Mixer
CXG1130AER SONY-CXG1130AER Datasheet
125Kb / 8P
   Triple Low Noise Amplifier/Dual Mixer
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2416 RFMD-RF2416 Datasheet
417Kb / 10P
   DUAL-BAND 2.7V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com