Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-89-7301 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 10-89-7301
Description  2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 30 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

10-89-7301 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  10-89-7301 Datasheet HTML 1Page - Molex Electronics Ltd. 10-89-7301 Datasheet HTML 2Page - Molex Electronics Ltd. 10-89-7301 Datasheet HTML 3Page - Molex Electronics Ltd. 10-89-7301 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 10-89-7301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-89-7301 MOLEX-10-89-7301 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com