Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2908 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2908 Datasheet HTML 4Page - RF Micro Devices RF2908 Datasheet HTML 5Page - RF Micro Devices RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices RF2908 Datasheet HTML 10Page - RF Micro Devices RF2908 Datasheet HTML 11Page - RF Micro Devices RF2908 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
11-92
RF2908
Rev C1 010904
11
Differential Filter Design Information
Butterworth Response
RS
RS
C1
L
L
RL
RL
C2
C1
C1bw
1
2
--- 10
12
⋅⋅
2
π fc RL
⋅⋅ ⋅
-------------------------------------- C2
C2bw
1
2
--- 10
12
⋅⋅
2
π fc RL
⋅⋅ ⋅
-------------------------------------- L
Lbw RL 10
6
⋅⋅
2
π fc
⋅⋅
-----------------------------------
=
;
=
;
=
C1bw
4.5325 C2bw
;
13.5691 Lbw
;
0.1743
==
=
RS
125 RL
;
1000
RS
RL
-------
;
0.125
==
=
Differential LC Filter Component Values
(Butterworth Response)
1
10
100
1000
10000
100000
1.E+05
1.E+06
1.E+07
Frequency
C2 (pF)
C1 (pF)
L(
µH)


Similar Part No. - RF2908

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
   3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
More results

Similar Description - RF2908

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W133 CYPRESS-W133 Datasheet
146Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
SpectraLinear Inc
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
W158 SILABS-W158 Datasheet
154Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158 Datasheet
166Kb / 12P
   Spread Spectrum System Frequency Synthesizer
W150 CYPRESS-W150 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144 CYPRESS-W144 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com