Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3118PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3118PCBA
Description  3V 1900MHZ LINEAR AMPLIFIER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3118PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF3118PCBA Datasheet HTML 1Page - RF Micro Devices RF3118PCBA Datasheet HTML 2Page - RF Micro Devices RF3118PCBA Datasheet HTML 3Page - RF Micro Devices RF3118PCBA Datasheet HTML 4Page - RF Micro Devices RF3118PCBA Datasheet HTML 5Page - RF Micro Devices RF3118PCBA Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
2-277
RF3118
Rev A0 011016
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
3
2
1
6
7
5
4
50
Ωµstrip
J6
RF OUT
50
Ωµstrip
J2
RF IN
C2
4.7
µF
C2
4.7
µF
VCC1
VMODE
VCC2
VREG
C4
4.7
µF
C3
4.7
µF


Similar Part No. - RF3118PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110PCBA RFMD-RF3110PCBA Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117PCBA RFMD-RF3117PCBA Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3118PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com