Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3838K Datasheet(PDF) 2 Page - Rohm

Part # 2SC3838K
Description  High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC3838K Datasheet(HTML) 2 Page - Rohm

  2SC3838K Datasheet HTML 1Page - Rohm 2SC3838K Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC5662 / 2SC4726 / 2SC4083 /
Transistors
2SC3838K / 2SC4043S
2/2
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
rbb'
⋅Cc
NF
20
11
3
1.4
3.2
0.8
0.5
0.5
1.5
V
V
V
µA
µA
GHz
pF
IC = 10
µA
IC
= 1mA
IE
= 10
µA
VCB
= 10V
VEB
= 2V
VCE(sat)
−−
0.5
V
IC/IB
= 10mA/5mA
VCE/IC = 10V/5mA
VCE
= 10V , IE = 10mA , f = 500MHz
2SC5662, 2SC4726,
2SC4083, 2SC3838K
2SC4043S
82
180
VCB = 10V , IE = 0A , f = 1MHz
VCB
= 10V , IC = 10mA , f = 31.8MHz
VCE
= 6V , IC = 2mA , f = 500MHz , Rg = 50
412
ps
3.5
dB
56
180
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current
transfer ratio
Transition frequency
Output capacitance
Collector-emitter saturation voltage
Collector-base time constant
Noise factor


Similar Part No. - 2SC3838K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3838K ROHM-2SC3838K Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Guangdong Kexin Industr...
2SC3838K KEXIN-2SC3838K Datasheet
38Kb / 1P
   High-Frequency Amplifier Transistor
logo
Rohm
2SC3838K ROHM-2SC3838K Datasheet
153Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
SHENZHEN YONGERJIA INDU...
2SC3838K WINNERJOIN-2SC3838K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC3838K FOSHAN-2SC3838K Datasheet
924Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3838K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Cystech Electonics Corp...
BTC3838N3 CYSTEKEC-BTC3838N3 Datasheet
155Kb / 4P
   High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Rohm
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com