Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4043S Datasheet(PDF) 1 Page - Rohm

Part # 2SC4043S
Description  High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4043S Datasheet(HTML) 1 Page - Rohm

  2SC4043S Datasheet HTML 1Page - Rohm 2SC4043S Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC5662 / 2SC4726 / 2SC4083 /
Transistors
2SC3838K / 2SC4043S
1/2
High-Frequency Amplifier Transistor
(11V, 50mA, 3.2GHz)
2SC5662 / 2SC4726 / 2SC4083 /
2SC3838K / 2SC4043S
!
!
!
!
Features
1) High transition frequency. (Typ. fT= 1.5GHz)
2) Small rbb’
⋅Cc and high gain. (Typ. 4ps)
3) Small NF.
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
20
11
3
50
0.2
0.3
150
−55~+150
Unit
V
V
V
mA
0.15
2SC4083, 2SC3838K
2SC4043S
2SC5662, 2SC4726
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
!
!
!
!
Packaging specifications and hFE
Package
hFE
Marking
Code
Basic ordering unit
(pieces)
Type
2SC4726
EMT3
NP
AD
TL
3000
2SC5662
2SC4083
UMT3
NP
1D
T106
3000
VMT3
NP
AD
T2L
8000
2SC4043S
SPT
P
TP
5000
2SC3838K
SMT3
NP
AD
T146
3000
!
!
!
!
External dimensions (Units : mm)
(2) Base
(3) Collector
(1) Emitter
(3) Collector
(1) Emitter
(2) Base
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
1.6
0.8
(2)
(3)
(1)
1.25
2.1
0.1to0.4
0.3to0.6
2.8
1.6
2SC4726
2SC4083
2SC3838K
2SC4043S
ROHM : EMT3
EIAJ : SC-75A
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
ROHM : SPT
EIAJ : SC-72
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)
0.45
2.5
(1) (2) (3)
(3) Base
(1) Emitter
(2) Collector
5
Taping specifications
0.45
0.5
42
2SC5662
ROHM : VMT3
(1) Base
(3) Collector
(2) Emitter


Similar Part No. - 2SC4043S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4046 HITACHI-2SC4046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
logo
Sanyo Semicon Device
2SC4048 SANYO-2SC4048 Datasheet
90Kb / 2P
   Switching Applications
More results

Similar Description - 2SC4043S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Cystech Electonics Corp...
BTC3838N3 CYSTEKEC-BTC3838N3 Datasheet
155Kb / 4P
   High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
logo
Rohm
2SC3838KT146P ROHM-2SC3838KT146P Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC4725 ROHM-2SC4725_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com