Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1957 Datasheet(PDF) 1 Page - Rohm

Part # 2SD1957
Description  Power Transistor (120V, 7A)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1957 Datasheet(HTML) 1 Page - Rohm

  2SD1957 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(94L-919–D301)
(94L-1016-D304)
315
Transistors
2SD1957
Transistors
2SD2061


Similar Part No. - 2SD1957

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1957 ROHM-2SD1957 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

Similar Description - 2SD1957

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
39Kb / 1P
   HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
2SB1672 ROHM-2SB1672 Datasheet
54Kb / 1P
   Power Transistor (-80V, -7A)
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
   Switching Power Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
   Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
   Switching Power Transistor(7A NPN)
logo
Rohm
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
   NPN 7A 50V Power Transistor
logo
Shindengen Electric Mfg...
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
   Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
   Switching Power Transistor(-7A PNP)
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
Rohm
2SAR583D3FRA ROHM-2SAR583D3FRA Datasheet
1Mb / 9P
   PNP -7A -50V Power Transistor
20220315 - Rev.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com