Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2118TLR Datasheet(PDF) 4 Page - Rohm

Part # 2SD2118TLR
Description  Low VCE(sat) Transistor(Strobe flash)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2118TLR Datasheet(HTML) 4 Page - Rohm

  2SD2118TLR Datasheet HTML 1Page - Rohm 2SD2118TLR Datasheet HTML 2Page - Rohm 2SD2118TLR Datasheet HTML 3Page - Rohm 2SD2118TLR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
255
Transistors
2SD2098 / 2SD2118 / 2SD2097 / 2SD2166


Similar Part No. - 2SD2118TLR

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
logo
TRANSYS Electronics Lim...
2SD2118 TEL-2SD2118 Datasheet
106Kb / 2P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
   Low VCE(sat) Transistor
logo
SeCoS Halbleitertechnol...
2SD2118 SECOS-2SD2118 Datasheet
486Kb / 3P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
185Kb / 4P
   Low VCE(sat) transistor (strobe flash)
More results

Similar Description - 2SD2118TLR

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2098 ROHM-2SD2098_1 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
2SD2118 ROHM-2SD2118_09 Datasheet
185Kb / 4P
   Low VCE(sat) transistor (strobe flash)
2SA1834 ROHM-2SA1834 Datasheet
77Kb / 4P
   Low Vce(sat) Transistor (Strobe flash) (-20V, -10A)
2SC5001 ROHM-2SC5001 Datasheet
68Kb / 3P
   Low Vce(sat) Transistor (Strobe flash) (20V, 10A)
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
   Low VCE(sat) Transistor
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
   LOW VCE(SAT) TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com