Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0010844120 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0010844120
Description  6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0010844120 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0010844120 Datasheet HTML 1Page - Molex Electronics Ltd. 0010844120 Datasheet HTML 2Page - Molex Electronics Ltd. 0010844120 Datasheet HTML 3Page - Molex Electronics Ltd. 0010844120 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 0010844120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010844120 MOLEX1-0010844120 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, 12 Circuits
0010844120 MOLEX1-0010844120_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, 12 Circuits
More results

Similar Description - 0010844120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010844020 MOLEX1-0010844020 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
0010844040 MOLEX1-0010844040 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 4 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
0010844150 MOLEX1-0010844150 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 15 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
0010844030 MOLEX1-0010844030 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 3 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
0010844090 MOLEX1-0010844090 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 9 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
10-84-4020 MOLEX11-10-84-4020 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
0010844062 MOLEX1-0010844062 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") ContactDiameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 6 Circuits
0010844122 MOLEX1-0010844122 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 12 Circuits
0010845060 MOLEX1-0010845060 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 6 Circuits, Polyester 94V-0, Tin (Sn) Plating, White
0010844042 MOLEX1-0010844042 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 4 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com