Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3131 Datasheet(PDF) 5 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 5 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Measurement circuits
Vref
+
A
Vcc
Iq
Fig.2 Iq
Vref
+
Vref
Vref
V
Vcc
1V
2k
or
10k
VoH
Fig. 3 Maximum output voltage: High
Vref
+
Vref
Vref
V
Vcc
1V
2k
or
10k
VoL
Fig. 4 Maximum output voltage: Low
+
VIN
Vref
Vcc = 18V
RL
2k
VOUT
Fig. 5 Slew rate ( )
t (
µsec)
15
5
t
SR = 10 / t
Fig. 6 Slew rate ( )
+
Vref
V
Vcc
Vo
10k
10
µF
GB = Vo / VIN
× f
0.1
µF
VIN
f = 10kHz
Fig. 7 Band width frequency gain


Similar Part No. - BA3131

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3131FS ROHM-BA3131FS Datasheet
124Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
   3 Dual operational amplifier with switch for car audio systems
BA3131FS ROHM-BA3131FS_11 Datasheet
124Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA3131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA3128N ETC1-BA3128N Datasheet
229Kb / 11P
   Audio-switched operational amplifier(2 inputs, 1 output)
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
logo
Rohm
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
   3 Dual operational amplifier with switch for car audio systems
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
   Audio Power Amplifier 6 W 횞 3 Ch
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Sanyo Semicon Device
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com