Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3838F Datasheet(PDF) 6 Page - Rohm

Part # BA3838F
Description  Vocal fader IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3838F Datasheet(HTML) 6 Page - Rohm

Back Button BA3838F Datasheet HTML 2Page - Rohm BA3838F Datasheet HTML 3Page - Rohm BA3838F Datasheet HTML 4Page - Rohm BA3838F Datasheet HTML 5Page - Rohm BA3838F Datasheet HTML 6Page - Rohm BA3838F Datasheet HTML 7Page - Rohm BA3838F Datasheet HTML 8Page - Rohm BA3838F Datasheet HTML 9Page - Rohm BA3838F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Multimedia ICs
BA3837 / BA3837F / BA3838F
Parameter
Symbol
Min.
Typ. Max.
Unit
Conditions
IQ
1.6
2.4
3.3
mA
Vom
2.3
2.8
GVT
10
14
17
dB
GVF
10
14
17
dB
GVM
5
8
11
dB
CT
54
70
dB
fIN = 1kHz
MU
73
80
dB
fIN = 1kHz
SV
28
33
dB
THD
0.02
0.07
%
VN
15
22
RIN
35
50
65
k
VthH
4.7
——
V
VthL
0.3
V
∆DC
726
mV
µVrms
Vrms
Quiescent current
Maximum output voltage
L / R gain
Low frequency gain
Microphone gain
Crosstalk
Mute attenuation
Vocal suppression rate
Total harmonic distortion
Noise level
Input impedance
Output switching DC differential
Control pin threshold (high)
Control pin threshold (low)
Not designed for radiation resistance.
Through mode
THD = 1%, through mode
Through mode
fin = 50kHz, vocal fader mode
Vocal fader mode
Through mode, BW : 400Hz - 30kHz
Rg = 0, DIN AUDIO
LIN, RIN, MICIN, FK
Maximum output voltage differential between L, R and TK modes
0 : 0V
1 : 5V
A B C
LOUT
ROUT
TK
0 0 0
MUTE
MUTE
MUTE
0 0 1
VF
VF
VF
0 1 0
L
L
L
0 1 1
L
R
L
1 0 0
MUTE
MUTE
MUTE
1 0 1
KC
KC
VF
1 1 0
KC
KC
L
1 1 1
KC
KC
L + R
Mute
Vocal fader mode
Sound multiplexing mode
Through mode
Mute
Vocal fader mode
Sound multiplexing mode
L + R
Key controller mode
Mode
VF : vocal fader output
KC : signal passed through key controller
1. L / R input and output in the through mode are synchronous with a gain of 14dB.
2. L / R input and TK output in the key controller mode are synchronous with a gain of 8dB.
3. FK input and L / R output in the key controller mode are synchronous with a gain of 6dB.
4.MIC input and L / R output are negative phase with a gain of 8dB.
(1) Microphone output is not muted during muting (ABC = 000 or 100).
(2) Gain and relative phase: See block diagram.
Mode table (A = pin14, B = pin15, C = pin16)
Electrical characteristics
BA3837 / F (unless otherwise noted, Ta = 25°C, Vcc = 10V, fIN = 1kHz, VIN = 150mV, RL = 100k
Ω)


Similar Part No. - BA3838F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F-E2 ROHM-BA3830F-E2 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F_11 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA3838F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
BH3810FS ROHM-BH3810FS Datasheet
122Kb / 9P
   Vocal fader IC with input selector
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com