Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3838F Datasheet(PDF) 10 Page - Rohm

Part # BA3838F
Description  Vocal fader IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3838F Datasheet(HTML) 10 Page - Rohm

Back Button BA3838F Datasheet HTML 3Page - Rohm BA3838F Datasheet HTML 4Page - Rohm BA3838F Datasheet HTML 5Page - Rohm BA3838F Datasheet HTML 6Page - Rohm BA3838F Datasheet HTML 7Page - Rohm BA3838F Datasheet HTML 8Page - Rohm BA3838F Datasheet HTML 9Page - Rohm BA3838F Datasheet HTML 10Page - Rohm BA3838F Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Operation notes
(1) The example in the diagram “Application example”
is recommended with confidence. However, be
sure to comply with these precautions and verify
characteristics during actual use. Also, when
changing an attached circuit constant, be sure to
allow sufficient margins by taking into account both
static and transient characteristics, including varia-
tion in these ICs and the attached components.
(2) The low pass filter cutoff frequency is determined
by the internal circuitry and by C6 and C7 in Fig. 1.
With the constant used in Fig. 1, the cutoff fre-
quency (fc) is roughly 150Hz. This cutoff frequen-
cy can be changed by changing C6 and C7. When
C6 is multiple a, and C7 is multiple b, respectively,
the cutoff frequency is calculated thus:
(3) For the gain and relative phase of the input pin
(LIN, RIN, MICIN and FK) inputs and output pin
(LOUT, ROUT and TK) outputs, refer to “Gain and
relative phase,” on page 2 / 10.
(4) Electrical characteristics are measured at a load
resistance (RL) of roughly 100k
Ω. As using an
extremely low load resistance (below 10k
Ω) will
result in slight variation in maximum output voltage
and total harmonic distortion, caution must be
used when designing connections with the subse-
quent stage.
(5) The pin 7 bias voltage is roughly Vcc / 2. Because
this is also the input and output pin voltage, select
coupling capacitor polarity according to relative
potential and the characteristics of the compo-
nents to which the coupling capacitor is to be con-
nected.
(6) When outputting L + R from LOUT and ROUT in
an application in which the key controller is left
unconnected, attach a 10
µF electrolytic capacitor
between pins 4 and 5, with pin 5 being positive (L
+ R mode: ABC = 111).
(7) Connecting a capacitance load to pin 5 (TK) of
BA3837 / F can worsen noise characteristics.
When connecting a capacitance load higher than
10
µF, insert 1kΩ in series (Figs. 1 and 2). The pin
5 output impedance is roughly 5
Ω (1kHz). In the
BA3838F it is roughly 400
Ω (1kHz).
(8) The vocal fader works by canceling out the syn-
chronous component of the signal, leaving the low
components in place. Consequently, the vocal
fader may not be very effective with certain
recordings.
(9) In cases where output DC differential can cause
noise when switching between modes, use a time
constant for the timing of control pin switching, or
take some other measure.
(10) Operating supply voltage may vary according to
ambient temperature. Using this IC outside the
recommended supply voltage range may result in
increased crosstalk or mute attenuation.
10
Multimedia ICs
BA3837 / BA3837F / BA3838F
POWER SUPPLY VOLTAGE : VCC (V)
0
2
4
6
8
101214161820
4
3
2
1
5
Fig. 3 IQ vs. VCC characteristics
(BA3837 / F)
POWER SUPPLY VOLTAGE : VCC (V)
0246
8
10
12
14 16
18
20
4
3
2
1
5
Fig. 4 IQ vs. VCC characteristics
(BA3838F)
FREQUENCY : f (Hz)
10
100
1K
10K
100K
40
20
14
0
– 20
– 40
– 60
Fig. 5 SV vs. frequency
characteristics
Electrical characteristic curves
The value of Q is: Q =
(Currently, Q
1)
1
2
C7
C6
150
ab
(Hz)
fc =


Similar Part No. - BA3838F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F-E2 ROHM-BA3830F-E2 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F_11 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA3838F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
BH3810FS ROHM-BH3810FS Datasheet
122Kb / 9P
   Vocal fader IC with input selector
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Sony Corporation
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com