Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4900 Datasheet(PDF) 1 Page - Rohm

Part # BA4900
Description  System power supply for car stereos
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4900 Datasheet(HTML) 1 Page - Rohm

  BA4900 Datasheet HTML 1Page - Rohm BA4900 Datasheet HTML 2Page - Rohm BA4900 Datasheet HTML 3Page - Rohm BA4900 Datasheet HTML 4Page - Rohm BA4900 Datasheet HTML 5Page - Rohm BA4900 Datasheet HTML 6Page - Rohm BA4900 Datasheet HTML 7Page - Rohm BA4900 Datasheet HTML 8Page - Rohm BA4900 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
251
Regulator ICs
System power supply for car stereos
BA4900
The BA4900 is a single-chip power supply IC for use in car stereo audio systems. The IC contains one 5.8V output for
a microcontroller, three 8V outputs, one 10V output, and two outputs interlocked with BACKUP and ACC systems.
FApplications
Car stereo audio systems
FFeatures
1) All output circuits, except AMP and ANT circuits, use
a PNP transistor with a low saturation voltage.
2) Output current limit circuit prevents damage to the IC
in the event output is short-circuited.
3) Overvoltage protection circuit provides protection
against surges from the ACC or BACKUP inputs.
4) Compact 12-pin POWER package allows a large
power dissipation.
5) Thermal protection circuit prevents heat damage to
the IC.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA4900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Rohm
BA4907FP ROHM-BA4907FP Datasheet
190Kb / 4P
   System Power Suplly with Voltage Detector Function
BA4908 ROHM-BA4908 Datasheet
214Kb / 3P
   System Regulator for Car Stereo
More results

Similar Description - BA4900

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com