Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5204F Datasheet(PDF) 2 Page - Rohm

Part # BA5204F
Description  3V / 35mW dual power amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5204F Datasheet(HTML) 2 Page - Rohm

  BA5204F Datasheet HTML 1Page - Rohm BA5204F Datasheet HTML 2Page - Rohm BA5204F Datasheet HTML 3Page - Rohm BA5204F Datasheet HTML 4Page - Rohm BA5204F Datasheet HTML 5Page - Rohm BA5204F Datasheet HTML 6Page - Rohm BA5204F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
374
Audio ICs
BA5204F
FInternal circuit configuration
FCircuit description (refer to the Internal Circuit diagram)
(1)
Preamplifier Stage
The preamplifier is comprised of the level-shift transistor
Q101, a differential amplifier (Q102 and Q105), and the active
load (Q103 and Q106). The input is a PNP transistor that
does not require a coupling capacitor.
(2)
Pre-drive stage
Q118 is the pre-drive transistor. Q122 and Q120 form the
load.
(3)
Power stage
Comprised of phase-inverting transistor Q120, and power
transistors Q122 and Q123.
(4)
Idling current setting circuit
The idling current is controlled so that the difference be-
tween the VBE of the power transistor Q122 and the VBE of
the phase-inverting transistor Q120 is the same as the dif-
ference between the VF of the constant-voltage diode
Q117 and the VBE of Q121.
(5)
Negative-feedback circuit
The closed-circuit gain with negative feedback is deter-
mined by R108, R102, and the value of the resistor con-
nected to the NFB pin. Part of the gain setting resistance
is on the chip (R102) to reduce variance between compo-
nents.
(6)
“Pop” noise elimination circuit
The IC has an internal timing circuit (with switch for op-
eration) to reduce the “pop” noise that occurs when pow-
er is applied.


Similar Part No. - BA5204F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA520 ETC1-BA520 Datasheet
163Kb / 1P
   Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA5208AF ROHM-BA5208AF Datasheet
381Kb / 5P
   3V 400MW BTL POWER AMPLIFIER
More results

Similar Description - BA5204F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
   3V dual pre / power amplifier
logo
Panasonic Semiconductor
AN7118S PANASONIC-AN7118S Datasheet
33Kb / 3P
   Low Voltage Dual 35mW Audio Power Amplifier Circuits BTL 300mW
logo
RF Micro Devices
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
   3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111 Datasheet
171Kb / 14P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
   3V DCS POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
   3V GSM POWER AMPLIFIER
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
   3V DCS POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
   3V GSM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com