Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5406 Datasheet(PDF) 2 Page - Rohm

Part # BA5406
Description  High-output dual power amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5406 Datasheet(HTML) 2 Page - Rohm

  BA5406 Datasheet HTML 1Page - Rohm BA5406 Datasheet HTML 2Page - Rohm BA5406 Datasheet HTML 3Page - Rohm BA5406 Datasheet HTML 4Page - Rohm BA5406 Datasheet HTML 5Page - Rohm BA5406 Datasheet HTML 6Page - Rohm BA5406 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Note
2/10
www.rohm.com
2013.11 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
BA5406,BA5417
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA5406
BA5417
Supply voltage
Vcc
18
*1
20
*1
V
Power dissipation
Pd
20
*2
15
*3
W
Operating temperature
Topr
-20 ~ +75
-20 ~ +75
Storage temperature
Tstg
-30 ~ +125
-55 ~ +150
*1 When no signal
*2 Back metal temperature 75℃
*3 Ta=75°C (Using infinite heatsink)
Operating range (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA5406
BA5417
Supply voltage
VCC
5.0 ~ 15.0
6.0 ~ 15.0
V
Electrical characteristics (BA5406 : Unless otherwise noted, Ta=25℃, Vcc=12V)
(BA5417 : Unless otherwise noted, Ta=25℃, Vcc=9V)
Parameter
Symbol
Limits
Unit.
Conditions
BA5406
BA5417
Quiescent current
IO
40
22
mA
VIN=0Vms
Rated output power
POUT
5.0
5.0
W
THD=10%,Vcc=12V, RL=3Ω
Closed loop voltage gain
GVC
46
45
dB
Output noise voltage
VNO
0.6
0.3
mVrms Rg=10kΩ, DIN-Audio
Total harmonic distortion
THD
0.3
0.1
%
POUT=0.5W, f=1kHz
Ripple rejection
RR
55
dB
fRR=100Hz,VRR=-10dBm
Crosstalk
CT
65
dB
VO=0dBm
Standby current
IOFF
0
µA
Standby pin input current
ISIN
0.15
mA
VSTBY=VCC
Standby pin
control voltage
Activated
VSTH
3.5 ~ Vcc
V
Not Activated
VSTL
0 ~ 1.2
V
* Note: This IC is not designed to be radiation-resistant.


Similar Part No. - BA5406

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
   12V / 5W dual power amplifier
BA5406 ROHM-BA5406 Datasheet
160Kb / 5P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
899Kb / 9P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
636Kb / 11P
   5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
697Kb / 11P
   Stereo Speaker Amplifiers
More results

Similar Description - BA5406

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Rohm
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
   High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com