Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08-50-0008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 08-50-0008
Description  KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Brass Tin (Sn)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

08-50-0008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  08-50-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 08-50-0008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 08-50-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0008 MOLEX11-08-50-0008 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
More results

Similar Description - 08-50-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008500023 MOLEX1-0008500023 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Brass Tin (Sn)
0008520132 MOLEX1-0008520132 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Phosphor Bronze Tin (Sn)
0008650128 MOLEX1-0008650128 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Phosphor Bronze Selective Gold (Au)
0008580135 MOLEX1-0008580135 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Phosphor Bronze Selective Gold (Au)
0008030303 MOLEX1-0008030303 Datasheet
135Kb / 4P
   KK짰 Crimp Terminal 4366, 18-24 AWG, Reel Tin (Sn)
0350699002 MOLEX4-0350699002 Datasheet
51Kb / 2P
   Crimp Terminal 35069, Female, 18 AWG, Brass, Tin (Sn) Plating, Reel
0008500105 MOLEX1-0008500105 Datasheet
242Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Reel, Brass Tin (Sn)
0008700064 MOLEX1-0008700064 Datasheet
133Kb / 4P
   KK짰 Cat Ear Crimp Terminal 5159, 22-28 AWG, Reel, Brass, Tin (Sn) over Copper Plating
0008520101 MOLEX1-0008520101 Datasheet
197Kb / 4P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Tin (Sn)
0008500004 MOLEX1-0008500004 Datasheet
159Kb / 3P
   KK짰 High Pressure Crimp Terminal 7879, 22-30 AWG, Reel Tin (Sn)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com