Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5995FM Datasheet(PDF) 7 Page - Rohm

Part # BA5995FM
Description  BTL driver for CD/CD-ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5995FM Datasheet(HTML) 7 Page - Rohm

  BA5995FM Datasheet HTML 1Page - Rohm BA5995FM Datasheet HTML 2Page - Rohm BA5995FM Datasheet HTML 3Page - Rohm BA5995FM Datasheet HTML 4Page - Rohm BA5995FM Datasheet HTML 5Page - Rohm BA5995FM Datasheet HTML 6Page - Rohm BA5995FM Datasheet HTML 7Page - Rohm BA5995FM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BA5995FM
Optical disc ICs
7/8
!
!
!
!
Operation notes
(1) Thermal shut down circuit is built in. In case IC chip temperature rises to 175
°C(typ.), thermal shut down circuit
operates and muted the output current. Next time IC chip temperature falls below 150
°C(typ.), the driver blocks start.
(2) Bias pin (pin1) should be pulled up more than 1.3V. In case bias pin voltage is under 0.7V(typ.), output current is
muted.
(3) In case supply voltage falls below 3.8V(typ.), output current is muted. Next time supply voltage rises to 4.0V (typ.), the
driver blocks start.
(4) Mute operation is caused by thermal shut down, decrease of bias pin voltage or decrease of supply voltage.
When mute is done, output voltage becomes internal reference voltage (about PowVcc/2).
(5) In case of one of the standby terminals turn into or open , correspondence channel circuit (include opamps) is muted.
(6) Both of the standby terminals low or open, all circuits shutdown (sleep mode) and all output pins become high
impedance. In addition to threshold is 1.4V(typ.).
(7) Supply voltage of PreVCC should be equal to or higher than PowVCC.
(8) Take care the external resistor value of OPamp .
OPamp source current supplies to internal resistor (10K
Ω) as well as external resistor.
(9) Insert the by pass capacitor between VCC pin and GND pin of IC as near as possible (approximately 0.1
µF).
(10) Keep the GND pin voltage the lowest of all pins .
(11) Heat dissipation fins are attached to the GND on the inside of the package. Make sure to connect these to the
external GND.
(12) If the mute pin (pin6) voltage rises above 2.0V, the output (CH1) current can be muted.
Under normal operating conditions, make sure to open pin7 or pull it down below 0.5V.
Next figure is high impedance mute timing chart.
2V
MUTE
(Pin6)
0V
t
tm
t
VOM
VOUT
(Pin14-Pin13)
0V
0.5mV
PreVCC=12V
PowVCC1=5V
BIAS=1.65V
RL=8
tm
≤125µsec


Similar Part No. - BA5995FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5993FP ROHM-BA5993FP Datasheet
96Kb / 2P
   4-channel BTL driver for car CD players
BA5994FM ROHM-BA5994FM Datasheet
87Kb / 2P
   4-Channel BTL driver
More results

Similar Description - BA5995FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
BA5944FP ROHM-BA5944FP Datasheet
82Kb / 2P
   BTL Driver IC for CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5913FP-Y ROHM-BA5913FP-Y Datasheet
142Kb / 9P
   4-channel BTL driver for CD players and CD-ROM drives
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com