Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-4226 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 22-28-4226
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 22 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-28-4226 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 22-28-4226 Datasheet HTML 3Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 9Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 10Page - Molex Electronics Ltd. 22-28-4226 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image


Similar Part No. - 22-28-4226

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-4226 MOLEX11-22-28-4226 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 22 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
More results

Similar Description - 22-28-4226

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022284106 MOLEX2-0022284106 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022284108 MOLEX2-0022284108 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022284127 MOLEX2-0022284127 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283225 MOLEX2-0022283225 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 22 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0022283222 MOLEX2-0022283222 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 22 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283302 MOLEX2-0022283302 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283148 MOLEX2-0022283148 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 14 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283202 MOLEX2-0022283202 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 20 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283022 MOLEX2-0022283022 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022280052 MOLEX2-0022280052 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com