Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-42375-0074 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # A-42375-0074
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 4 Circuits, 0.76關m (30關) Gold
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

A-42375-0074 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button A-42375-0074 Datasheet HTML 2Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 3Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 4Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 5Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 6Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 7Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 8Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 9Page - Molex Electronics Ltd. A-42375-0074 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image


Similar Part No. - A-42375-0074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42375-0070 MOLEX-A-42375-0070 Datasheet
1Mb / 70P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
A-42375-0070 MOLEX-A-42375-0070 Datasheet
987Kb / 35P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
A-42375-0071 MOLEX2-A-42375-0071 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
A-42375-0071 MOLEX-A-42375-0071 Datasheet
1Mb / 70P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
A-42375-0071 MOLEX-A-42375-0071 Datasheet
987Kb / 35P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
More results

Similar Description - A-42375-0074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022286074 MOLEX3-0022286074 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 7 Circuits, 0.76關m (30關") 2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 7 Circuits, 0.76關m (30關")
0022287125 MOLEX3-0022287125 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 12 Circuits, 0.76關m (30關") 2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 12 Circuits, 0.76關m (30關")
0022284106 MOLEX2-0022284106 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022284226 MOLEX2-0022284226 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 22 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022284108 MOLEX2-0022284108 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022284127 MOLEX2-0022284127 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283042 MOLEX2-0022283042 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022283302 MOLEX2-0022283302 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
22-28-6175 MOLEX11-22-28-6175 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 17 Circuits, 0.76關m (30關") Gold (Au) KK짰 254 Breakaway Header, Right-Angle, 17 Circuits, 0.76關m (30關") Gold (Au)
0022280232 MOLEX2-0022280232 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 23 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com