Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6209N Datasheet(PDF) 5 Page - Rohm

Part # BA6209N
Description  Reversible motor driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6209N Datasheet(HTML) 5 Page - Rohm

  BA6209N Datasheet HTML 1Page - Rohm BA6209N Datasheet HTML 2Page - Rohm BA6209N Datasheet HTML 3Page - Rohm BA6209N Datasheet HTML 4Page - Rohm BA6209N Datasheet HTML 5Page - Rohm BA6209N Datasheet HTML 6Page - Rohm BA6209N Datasheet HTML 7Page - Rohm BA6209N Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
390
Motor driver ICs
BA6209 / BA6209N
FCircuit operation
Input / output truth table
Forward / reverse control, forced stop, and rush current
absorption are controlled by the combination of FIN and
RIN input states.
(1)
Forward / reverse control circuit
When FIN is HIGH and RIN is LOW, current flows from
OUT1 to OUT2. When FIN is LOW and RIN is HIGH, cur-
rent flows from OUT2 to OUT1 (refer to the truth table).
(2)
Forced stop circuit
By setting RIN and FIN both HIGH or both LOW, power
supply to the motor is shut down and a brake is applied
by absorbing the motor counter-electromotive force.
(3)
Rush current absorption circuit
When a high voltage (caused by such as a motor rever-
sal) is generated on OUT1 and OUT2, an internal
comparator detects the high voltage and turns on an in-
ternal circuit that absorbs rush currents.
(4)
Drive circuit
The forward direction of the motor connected between
OUT1 and OUT2 corresponds to the current flow from
OUT1 to OUT2, and the reverse direction corresponds to
the current flow from OUT2 to OUT1. The output voltage
(VOUT) applied to the motor is given by the equation :
VOUT (V) = VZD
* VCE (sat.) = VZD * 0.2 (IOUT = 100mA)
where VZD is the zener voltage of the constant voltage
diode (ZD) connected to pin 4.
If Vref is left OPEN, the output voltage (VOUT) is given by
the equation :
VOUT (V) = VCC1
* VCE (sat.) (PNP) * 2VF * VCE (sat.)
= VCC1
* 1.8 (IOUT = 100mA)
FPin descriptions


Similar Part No. - BA6209N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA6209N ETC2-BA6209N Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA6209N

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com