Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022057168 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0022057168
Description  2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 16 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022057168 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0022057168 Datasheet HTML 1Page - Molex Electronics Ltd. 0022057168 Datasheet HTML 2Page - Molex Electronics Ltd. 0022057168 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0022057168

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022057105 MOLEX2-0022057105 Datasheet
149Kb / 4P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 10 Circuits
0022057105 MOLEX1-0022057105_17 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 10 Circuits
0022057108 MOLEX2-0022057108 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 10 Circuits
0022057118 MOLEX2-0022057118 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 11 Circuits
0022057128 MOLEX2-0022057128 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 12 Circuits
More results

Similar Description - 0022057168

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022124162 MOLEX2-0022124162 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 16 Circuits
0022057188 MOLEX2-0022057188 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits
0022057048 MOLEX2-0022057048 Datasheet
137Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 4 Circuits
0022057148 MOLEX2-0022057148 Datasheet
137Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 14 Circuits
0022124032 MOLEX2-0022124032 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 3 Circuits
0022124072 MOLEX2-0022124072 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 7 Circuits
0022124122 MOLEX2-0022124122 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 12 Circuits
0022057108 MOLEX2-0022057108 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 10 Circuits
0022057128 MOLEX2-0022057128 Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 12 Circuits
0022057038 MOLEX2-0022057038 Datasheet
137Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 3 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com