Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6809F Datasheet(PDF) 4 Page - Rohm

Part # BA6809F
Description  2-phase half-wave motor driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6809F Datasheet(HTML) 4 Page - Rohm

  BA6809F Datasheet HTML 1Page - Rohm BA6809F Datasheet HTML 2Page - Rohm BA6809F Datasheet HTML 3Page - Rohm BA6809F Datasheet HTML 4Page - Rohm BA6809F Datasheet HTML 5Page - Rohm BA6809F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
709
Motor driver ICs
BA6809F / BA6819AF
FCircuit operation
The BA6809F and BA6819AF have motor lock detection
and automatic restart circuits. The timing of lock detec-
tion and automatic restart is determined by the external
capacitor connected to the LD pin. The charge time of the
external capacitor is given by :
(Typical value)
where
VLDCL is the LD-pin clamp voltage
(1.90V),
VLDCP is the LD-pin comparator voltage
(0.73V),
ILDC is the LD-pin charge current
(2.2
µA),
ILDD is the LD-pin discharge current
(0.42
µA),
C is the capacitance of the LD-pin external capacitor.
For C=0.47
µF, for example, the charge and discharge
times are 0.25s (output ON) and 1.31s (output OFF), re-
spectively.
FApplication example
ILDC
ton (Charge time)=
C
S (VLDCL*VLDCP)
ILDD
toff (Discharge time)=
C
S (VLDCL*VLDCP)


Similar Part No. - BA6809F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6800 ROHM-BA6800 Datasheet
129Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6800 ROHM-BA6800 Datasheet
131Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6800AF ROHM-BA6800AF Datasheet
129Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6800AS ROHM-BA6800AS Datasheet
131Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6803 ROHM-BA6803 Datasheet
126Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
More results

Similar Description - BA6809F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6407AF ROHM-BA6407AF Datasheet
84Kb / 6P
   2-phase half-wave motor driver
logo
Fairchild Semiconductor
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
Sanyo Semicon Device
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
   2-Phase Half-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com