Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-02-2065 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 22-02-2065
Description  2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 6 Circuits, With Hooks
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-02-2065 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  22-02-2065 Datasheet HTML 1Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 2Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 3Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 4Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 5Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 6Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 7Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 8Page - Molex Electronics Ltd. 22-02-2065 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image


Similar Part No. - 22-02-2065

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-02-2065 MOLEXKITS-22-02-2065 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
More results

Similar Description - 22-02-2065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022027063 MOLEX2-0022027063 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 6 Circuits, Without Hooks
0022022205 MOLEX2-0022022205 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 20 Circuits, With Hooks
0022022185 MOLEX2-0022022185 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 18 Circuits, With Hooks
0022022085 MOLEX2-0022022085 Datasheet
629Kb / 5P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 8 Circuits, With Hooks
0022022125 MOLEX2-0022022125 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 12 Circuits, With Hooks
0022022195 MOLEX2-0022022195 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 19 Circuits, With Hooks
0022022035 MOLEX2-0022022035 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 3 Circuits, With Hooks
0022022225 MOLEX2-0022022225 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 22 Circuits, With Hooks
0022022175 MOLEX2-0022022175 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 17 Circuits, With Hooks
0022022165 MOLEX2-0022022165 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 16 Circuits, With Hooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com