Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022280050 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0022280050
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, Tin (Sn) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022280050 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0022280050 Datasheet HTML 1Page - Molex Electronics Ltd. 0022280050 Datasheet HTML 2Page - Molex Electronics Ltd. 0022280050 Datasheet HTML 3Page - Molex Electronics Ltd. 0022280050 Datasheet HTML 4Page - Molex Electronics Ltd. 0022280050 Datasheet HTML 5Page - Molex Electronics Ltd. 0022280050 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 0022280050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280051 MOLEX2-0022280051 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280051 MOLEX1-0022280051_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 5 Circuits, 0.38m Gold
0022280052 MOLEX2-0022280052 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022280052 MOLEX1-0022280052_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 5 Circuits, 0.76m Gold
0022280053 MOLEX2-0022280053 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, Tin (Sn) Plating. with Kinked PC Tails
More results

Similar Description - 0022280050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280110 MOLEX2-0022280110 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 11 Circuits, Tin (Sn) Plating
0022280080 MOLEX2-0022280080 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 8 Circuits, Tin (Sn) Plating
0022280030 MOLEX2-0022280030 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 3 Circuits, Tin (Sn) Plating
0022280180 MOLEX2-0022280180 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 18 Circuits, Tin (Sn) Plating
0022280150 MOLEX2-0022280150 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 15 Circuits, Tin (Sn) Plating
0022280300 MOLEX2-0022280300 Datasheet
183Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 30 Circuits, Tin (Sn) Plating
0022280130 MOLEX2-0022280130 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 13 Circuits, Tin (Sn) Plating
0022280090 MOLEX2-0022280090 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 9 Circuits, Tin (Sn) Plating
0022280120 MOLEX2-0022280120 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 12 Circuits, Tin (Sn) Plating
0022280170 MOLEX2-0022280170 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 17 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com