Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022281101 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0022281101
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022281101 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0022281101 Datasheet HTML 1Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 2Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 3Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 4Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 5Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 6Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 7Page - Molex Electronics Ltd. 0022281101 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 0022281101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281101 MOLEX1-0022281101_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, 0.38m
More results

Similar Description - 0022281101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281151 MOLEX2-0022281151 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281021 MOLEX2-0022281021 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281091 MOLEX2-0022281091 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 9 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281181 MOLEX2-0022281181 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281171 MOLEX2-0022281171 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 17 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281031 MOLEX2-0022281031 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 3 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281071 MOLEX2-0022281071 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 7 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281121 MOLEX2-0022281121 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 12 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022281047 MOLEX2-0022281047 Datasheet
327Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 4 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
0022280101 MOLEX2-0022280101 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com