Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6970 Datasheet(PDF) 7 Page - Rohm

Part # BA6970
Description  2-phase motor driver for VCR cylinder motors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6970 Datasheet(HTML) 7 Page - Rohm

  BA6970 Datasheet HTML 1Page - Rohm BA6970 Datasheet HTML 2Page - Rohm BA6970 Datasheet HTML 3Page - Rohm BA6970 Datasheet HTML 4Page - Rohm BA6970 Datasheet HTML 5Page - Rohm BA6970 Datasheet HTML 6Page - Rohm BA6970 Datasheet HTML 7Page - Rohm BA6970 Datasheet HTML 8Page - Rohm BA6970 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
600
Motor driver ICs
BA6970FS
(3)
Output waveforms are shown in Fig. 9. Because of
the amplifier offset, the output is left OPEN when the out-
put signal switches from positive to negative. The output
waveform is determined by the external circuit because
the IC impedance increases during this transition period.
Since inductive loads are usually provided, a capacitor
should be connected to suppress backlash voltages.
FOperation notes
(1)
ECV input (pin 22)
The ECV input is plotted against the output current in Fig.
10.
(2)
Hall input
Hall input signals of 50mV (peak to peak) or greater
should be applied between pins 9 and 10 and between
pins 11 and 12. The DC input range is 2V to
(Vreg
*1.5V). There will be no problem if the input is cen-
tered around Vreg / 2.
Because the Hall input impedance is 1M
Ω or grater, any
type of Hall device can be connected. No current flows
when the transistor is off because pins 9 and 10 as well
as pins 11 and 12 are differential inputs.
Because the IC is a linear driver, any DC offset in the Hall
device will be amplified and appear in the output. Use
Hall devices having a minimum offset. Hall devices can
be connected in either series or parallel.
Fig.9
Fig.10
Fig.11


Similar Part No. - BA6970

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6901F ROHM-BA6901F Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
602Kb / 21P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_11 Datasheet
110Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA6970

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6825FS ROHM-BA6825FS Datasheet
103Kb / 6P
   2-phase motor driver for VCR cylinder motors
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com