Electronic Components Datasheet Search |
|
BA7046 Datasheet(PDF) 5 Page - Rohm |
|
BA7046 Datasheet(HTML) 5 Page - Rohm |
5 / 7 page (1) Connect pin 1 to GND via a 120k Ω (approx.) resistor. Leave pins 2, 4 and 8 open. (2) SYNC output polarity (pin 3) is positive. (3) The delay time for rising edge of the SYNC output (pin 3) with respect to the falling edge of Sync for the Vsig input signal (pin 6) is 850ns (reference value). (4) The delay time for falling edge of the SYNC output (pin 3) with respect to the rising edge of Sync for the Vsig input signal (pin 6) is 450ns (reference value). •Attached components Resistor R1 should have a tolerance of ± 2%, and a temperature coefficient of 100ppm or lower. 5 Multimedia ICs BA7046 / BA7046F •Application example 8 8 7 6 5 R2 470k H. OSC V. SEPA PHASE COMP SYNC SEPA C2 C7 C1 C5 C6 R3 R4 0.022 µ 47 µ 1 µ 1 µ + C3 + + 470k 330 10k R3 470k R2 Vsig C4 100p R1 130k HD SYNC VD 10k VCC = 5V R5 10k 1 2 3 4 VCC = 5V C3-1 0.47 µ C3-2 0.47 µ C2 2200p VCC ∗ Fig.9 ∗ By configuring the circuit enclosed in the dotted line to that in the diagram on the right, you can decrease the lock-in time and increase the capture range. 8 7 6 5 H. OSC V. SEPA PHASE COMP SYNC SEPA C7 C1 C5 C6 R4 VCC = 5V VCC = 5V 0.022 µ 47 µ 1 µ + + 470k 330 Vsig R1 120k HD SYNC VD 10k R5 1 2 3 4 Fig. 10 • When SYNC SEPA output only is used. HD and VD unused. |
Similar Part No. - BA7046 |
|
Similar Description - BA7046 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |