Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7149F Datasheet(PDF) 4 Page - Rohm

Part # BA7149F
Description  Electronic viewfinder driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7149F Datasheet(HTML) 4 Page - Rohm

  BA7149F Datasheet HTML 1Page - Rohm BA7149F Datasheet HTML 2Page - Rohm BA7149F Datasheet HTML 3Page - Rohm BA7149F Datasheet HTML 4Page - Rohm BA7149F Datasheet HTML 5Page - Rohm BA7149F Datasheet HTML 6Page - Rohm BA7149F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Video ICs
BA7149F
1pin
V
12pin
1pin
1.9k
10k
500
500
+
2.33V
Fig.1
Input / output circuits
2pin
3pin
5pin
4pin
300
300
2, 3, 4, 5pin
Fig.2
6pin
12pin
2k
2k
12k
6pin
1.5V
V
+
Fig.3
8pin
2pin
8pin
10k
20k
20k
Fig.5
9pin
2pin
9pin
25k
10k
20k
Fig.6
7pin
12pin
7pin
12pin
20k
20k
5k
5k
5k
8
µA
Fig.4
11pin
11pin
12pin
1k
1.25k
100
100
50
+
1.87V
36
µA
V
Fig.8
14pin
12pin
3k
14pin
3k
3k
3k
3k
3k
3k
3k
Fig.9
13pin
12pin
13pin
100
3k
100
1mA
Fig.7


Similar Part No. - BA7149F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7107F ROHM-BA7107F Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7107S ROHM-BA7107S Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA715 ROHM-BA715 Datasheet
173Kb / 3P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
BA715 ETC2-BA715 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BA7149F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2510S ETC1-AN2510S Datasheet
362Kb / 6P
   VIDEO CAMERA ELECTRONIC VIEWFINDER DRIVE CIRCUIT
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
   LED electronic driver
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
   LED electronic driver
EC830 LUMINIS-EC830 Datasheet
166Kb / 2P
   LED electronic driver
logo
STMicroelectronics
VK05CFL STMICROELECTRONICS-VK05CFL Datasheet
310Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
VK05CFL STMICROELECTRONICS-VK05CFL_03 Datasheet
311Kb / 14P
   ELECTRONIC DRIVER FOR CFL APPLICATION
logo
Melexis Microelectronic...
MLX10801 MELEXIS-MLX10801 Datasheet
622Kb / 41P
   Power LED driver for automotive applications Power saving low side coil driver Electronic fuse
logo
NEC
2SB1117 NEC-2SB1117 Datasheet
158Kb / 2P
   Suitable for driver of solenoid or motor, or electronic flash
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
   A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com