Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022281048 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022281048
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Backwalls Removed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022281048 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022281048 Datasheet HTML 1Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 2Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 3Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 4Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 5Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 6Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 7Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 8Page - Molex Electronics Ltd. 0022281048 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image


Similar Part No. - 0022281048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281048 MOLEX1-0022281048_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 4 Circuits, 0.76m
More results

Similar Description - 0022281048

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281248 MOLEX2-0022281248 Datasheet
327Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 24 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Backwalls Removed
0022281168 MOLEX2-0022281168 Datasheet
327Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Backwalls Removed
0022280168 MOLEX2-0022280168 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Backwalls Removed
22-28-1048 MOLEX11-22-28-1048 Datasheet
54Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle with Friction Lock, 4 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
0022280068 MOLEX2-0022280068 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 6 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Backwalls Removed
0022281042 MOLEX2-0022281042 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
22-28-1248 MOLEX11-22-28-1248 Datasheet
54Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle with Friction Lock, 24 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-1168 MOLEX11-22-28-1168 Datasheet
54Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle with Friction Lock, 16 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
0022281032 MOLEX2-0022281032 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0022281122 MOLEX2-0022281122 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com