Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

015-92-2080 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 015-92-2080
Description  1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 3.40mm (.134) PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

015-92-2080 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  015-92-2080 Datasheet HTML 1Page - Molex Electronics Ltd. 015-92-2080 Datasheet HTML 2Page - Molex Electronics Ltd. 015-92-2080 Datasheet HTML 3Page - Molex Electronics Ltd. 015-92-2080 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 015-92-2080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
015-92-2030 MOLEX2-015-92-2030 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 30 Circuits, 3.40mm (.134) PC Tail Length
015-92-2040 MOLEX2-015-92-2040 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 3.40mm (.134) PC Tail Length
015-92-2050 MOLEX2-015-92-2050 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 3.40mm (.134) PC Tail Length
015-92-2060 MOLEX2-015-92-2060 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm (.134) PC Tail Length
015-92-2068 MOLEX2-015-92-2068 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 3.40mm (.134) PC Tail Length
More results

Similar Description - 015-92-2080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015922030 MOLEX2-0015922030 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 30 Circuits, 3.40mm (.134) PC Tail Length
0015922120 MOLEX2-0015922120 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 120 Circuits, 3.40mm (.134) PC Tail Length
0015922050 MOLEX2-0015922050 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 3.40mm (.134) PC Tail Length
0015922068 MOLEX2-0015922068 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 3.40mm (.134) PC Tail Length
0015922040 MOLEX2-0015922040 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 3.40mm (.134) PC Tail Length
0015922100 MOLEX2-0015922100 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 100 Circuits, 3.40mm (.134) PC Tail Length
0015922130 MOLEX2-0015922130 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 130 Circuits, 3.40mm (.134) PC Tail Length
0015922060 MOLEX2-0015922060 Datasheet
229Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 3.40mm (.134) PC Tail Length
0716611561 MOLEX8-0716611561 Datasheet
203Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, with Latch, 60 Circuits, 3.40mm(.134") PC Tail Length
0716617280 MOLEX8-0716617280 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 80 Circuits, 3.40mm(.134") PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com